Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TH71072 Datasheet(PDF) 4 Page - Melexis Microelectronic Systems

Part No. TH71072
Description  315/433MHz ASK Transmitter / LO Source
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71072 Datasheet(HTML) 4 Page - Melexis Microelectronic Systems

  TH71072 Datasheet HTML 1Page - Melexis Microelectronic Systems TH71072 Datasheet HTML 2Page - Melexis Microelectronic Systems TH71072 Datasheet HTML 3Page - Melexis Microelectronic Systems TH71072 Datasheet HTML 4Page - Melexis Microelectronic Systems TH71072 Datasheet HTML 5Page - Melexis Microelectronic Systems TH71072 Datasheet HTML 6Page - Melexis Microelectronic Systems TH71072 Datasheet HTML 7Page - Melexis Microelectronic Systems TH71072 Datasheet HTML 8Page - Melexis Microelectronic Systems TH71072 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TH71072
315/433MHz
ASK Transmitter / LO Source
3901071072
Page 4 of 10
Data Sheet
Rev. 004
Dec. 2001
Pin Definition and Description
Pin No.
Name
I/O Type
Functional Schematic
Description
1
LF
analog I/O
200
5p
LF
1
200
connection to loop filter,
charge pump output,
VCO tuning input
2
RO
analog I/O
RO1
2
28p
28p
37k
XOSC connection to XTAL,
Colpitts type crystal
oscillator
3
ENTX
input
ENTX
3
1.1k
mode control input, CMOS-
compatible with internal pull-
down
4
CKOUT
output
CKOUT
4
200
clock output,
CMOS-compatible
5
PS/DATA
analog I/O
PS/DATA
5
200
20µA
power-select and ASK input,
high-impedance comparator
logic
6
VCC
supply
positive power supply
7
OUT
output
OUT
7
VEE
VCC
VEE
VCC
Power amplifier output,
open collector
8
VEE
ground
negative power supply


Similar Part No. - TH71072

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
TH71072 ETC1-TH71072 Datasheet
254Kb / 10P
   ASK Transmitter / LO Source
More results

Similar Description - TH71072

ManufacturerPart No.DatasheetDescription
Melexis Microelectronic Systems
Melexis Microelectronic...
TH71071 MELEXIS-TH71071 Datasheet
254Kb / 10P
   315/433MHz ASK Transmitter / LO Source
List of Unclassifed Manufacturers
List of Unclassifed Man...
TH71071 ETC-TH71071 Datasheet
251Kb / 10P
   315/433MHz ASK Transmitter / LO Source
Holtek Semiconductor Inc
Holtek Semiconductor In...
HT9831 HOLTEK-HT9831 Datasheet
112Kb / 9P
   315/433MHz ASK Transmitter
List of Unclassifed Manufacturers
List of Unclassifed Man...
TH71072 ETC1-TH71072 Datasheet
254Kb / 10P
   ASK Transmitter / LO Source
Melexis Microelectronic Systems
Melexis Microelectronic...
TH7107 MELEXIS-TH7107 Datasheet
376Kb / 16P
   315/433MHz FSK/FM/ASK Transmitter
EVB7107 MELEXIS-EVB7107 Datasheet
252Kb / 10P
   315/433MHz Transmitter
List of Unclassifed Manufacturers
List of Unclassifed Man...
TH7108 ETC-TH7108 Datasheet
212Kb / 10P
   868/915MHz ASK Transmitter / LO Source
TH71081 ETC2-TH71081 Datasheet
214Kb / 10P
   868/915MHz ASK Transmitter / LO Source
Melexis Microelectronic Systems
Melexis Microelectronic...
TH71081 MELEXIS-TH71081 Datasheet
215Kb / 10P
   868/915MHz ASK Transmitter / LO Source
TH72012 MELEXIS-TH72012 Datasheet
517Kb / 20P
   433MHz ASK Transmitter
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz