Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE955M Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE955M
Description  Integrated Circuit Timing Circuit
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE955M Datasheet(HTML) 2 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Power Supply Voltage. VCC
18V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Discharge Current (Pin7), I7
200mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PD
625mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above 25
°C
5mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, TA
0
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (During Soldering, 10sec), TL
+260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C, VCC = 5V to 15V unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Operating Supply Voltage Range
VCC
4.5
16
V
Supply Current
ICC
RL = ∞,
VCC = 5V
3.0
6.0
mA
Low State,
Note 2
VCC = 15V
10
15
mA
Timing Error
Initial Accuracy C = 0.1
µF
R = 1k
Ω to 100kΩ, Note 3
1.0
%
Drift with Temperature
50
ppm/
°C
Drift with Supply Voltage
0.1
%/V
Threshold Voltage
VTH
0.667
x VCC
Trigger Voltage
VT
VCC = 5V
1.67
V
VCC = 15V
5.0
V
Reset Voltage
VR
0.4
0.7
1.0
V
Reset Current
IR
0.1
mA
Threshold Current
ITH
Note 4
0.1
0.25
µA
Discharge Leakage Current (Pin7)
Idis
100
nA
Control Voltage Level
VCL
VCC = 5V
2.6
3.33
4.0
V
VCC = 15V
9.0
10
11
V
Output Voltage Low
VOL
VCC = 5V
ISINK = 5mA
0.25
0.35
V
VCC = 15V
ISINK = 10mA
0.1
0.25
V
ISINK = 50mA
0.4
0.75
V
ISINK = 100mA
2.0
2.5
V
ISINK = 200mA
2.5
V
Output Voltage High
VOH
VCC = 5V
2.75
3.3
V
VCC = 15V
ISOURCE = 100mA
12.75
13.3
V
ISOURCE = 200mA
12.5
V
Rise Time of Output
tOLH
100
ns
Fall Time of Output
tOHL
100
ns
Note 2. Supply current when output is high is typically 1mA less.
Note 3. Tested at VCC = 5V and VCC = 15V. Monostable mode.
Note 4. This will determine the maximum value of RA = RB for 15V operation. The maximum total
R = 20M
Ω.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn