Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE955M Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE955M
Description  Integrated Circuit Timing Circuit
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE955M Datasheet(HTML) 1 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NTE955M
NTE955S
NTE955SM
Integrated Circuit
Timing Circuit
Description:
The NTE955 series timing circuit is a highly stable controller capable of producing accurate time de-
lays, or oscillation. Additional terminals are provided for triggering or resetting if desired. In time delay
mode of operation, the time is precisely controlled by one external resistor and capacitor. For astable
operation as an oscillator, the free running frequency and the duty cycle are both accurately controlled
with two external resistors and one capacitor. The circuit may be triggered and reset on falling wave-
forms, and the output structure can source or sink up to 200mA or drive TTL circuits.
Features:
D Direct Replacement for 555 Timers
D Timing from Microseconds through Hours
D Operates in Both Astable and Monostable Modes
D Adjustable Duty Cycle
D High Current Output Can Source or Sink 200mA
D Output and Supply TTL Compatible TTL
D Temperature Stability of 0.005% per °C
D Normally “ON” or Normally “OFF” Output
D Available in Three Types:
NTE955M – 8–Lead DIP
NTE955S
– 8–Lead SIP
NTE955SM – SOIC–8 (Surface Mount)
Applications:
D Precision Timing
D Pulse Generation
D Sequential Timing
D Time Delay Generation
D Pulse Width Modulation
D Pulse Position Modulation
D Linear Ramp Generator


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn