Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE953 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE953
Description  Linear Integrated Circuit 4-Terminal Positive Adjustable Voltage Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE953 Datasheet(HTML) 2 Page - NTE Electronics

  NTE953 Datasheet HTML 1Page - NTE Electronics NTE953 Datasheet HTML 2Page - NTE Electronics NTE953 Datasheet HTML 3Page - NTE Electronics NTE953 Datasheet HTML 4Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VOUT =
R1 + R2
R2
(5.0)
Electrical Characteristics:
(–0
°C ≤ TJ ≤ 125°C, VIN = 10V, IOUT = 500mA, CIN = 0.33µF,
COUT = 0.1µF, unless otherwise specified.)
Parameter
Test Conditions (Note 1, Note 3)
Min
Typ
Max
Unit
Input Voltage Range
TJ = 25°C
7.5
40
V
Output Voltage Range
VIN = VOUT +5V
5.0
30
V
Output Voltage Tolerance
VOUT +3V ≤ VIN ≤ VOUT +15V,
TJ = 25°C
4.0
%(VOUT)
5mA
≤ IOUT ≤ 1.0A,
PD ≤ 15W, VIN (max) = 38V
5.0
%(VOUT)
Line Regulation
TJ = 25°C, VOUT ≤ 10V,
(VOUT 2.5V) ≤ VIN ≤ (VOUT +20V)
1.0
%(VOUT)
TJ = 25°C, VOUT ≥ 10V,
(VOUT +3V) ≤ VIN ≤ (VOUT +15V)
(VOUT +3V) ≤ VIN ≤ (VOUT +7V)
0.75
0.67
%(VOUT)
Load Regulation
TJ = 25°C,
250mA
≤ IOUT ≤ 750mA
1.0
%(VOUT)
TJ = 25 C,
VIN = VOUT +5V 5mA
≤ IOUT ≤ 1.5A
2.0
%(VOUT)
Control Pin Current
TJ = 25°C
1.0
5.0
µA
8.0
µA
Quiescent Current
TJ = 25°C
3.2
5.0
µA
6.0
µA
Ripple Rejection
8V
≤ VIN ≤ 18V, VOUT = 5V, f = 120Hz
62
78
dB
Output Noise Voltage
TJ = 25°C, 10Hz ≤ f ≤ 100kHz,
VOUT = 5V, IOUT = 5mA
8
40
µV/VOUT
Dropout Voltage
Note 2
2.5
V
Short Circuit Current
TJ = 25°C, VIN = 30V
0.75
1.2
A
Peak Output Current
TJ = 25°C
1.3
2.2
3.3
A
Average Temperature
VOUT = 5V,
TJ = –55°C to +25°C
0.4
mV/
°C/
Coefficient of
Output Voltage
VOUT = 5V,
IOUT = 5mA
TJ = +25°C to +150°C
0.3
VOUT
Control Pin Voltage
TJ = 25°C
4.8
5.0
5.2
V
(Reference)
4.75
5.25
V
Note 1. VOUT is defined as:
Note 2. Dropout Voltage is defined as that input–output voltage differential which causes the output
voltage to decrease by 5% of its initial value.
Note 3. All characteristics except noise voltage and ripple rejection ratio are measured using pulse
techniques (tW ≤ 10ms, duty cycle ≤ 5%). Output voltage changes due to changes in internal
temperature must be taken into account separately.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn