Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SC0204C-SU Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT88SC0204C-SU
Description  CryptoMemoryR 2 Kbit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0204C-SU Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT88SC0204C-SU Datasheet HTML 6Page - ATMEL Corporation AT88SC0204C-SU Datasheet HTML 7Page - ATMEL Corporation AT88SC0204C-SU Datasheet HTML 8Page - ATMEL Corporation AT88SC0204C-SU Datasheet HTML 9Page - ATMEL Corporation AT88SC0204C-SU Datasheet HTML 10Page - ATMEL Corporation AT88SC0204C-SU Datasheet HTML 11Page - ATMEL Corporation AT88SC0204C-SU Datasheet HTML 12Page - ATMEL Corporation AT88SC0204C-SU Datasheet HTML 13Page - ATMEL Corporation AT88SC0204C-SU Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
AT88SC0204C
2022ES–SMEM–07/04
Ordering Code: SI, SU
8-lead SOIC
1150 E. Cheyenne Mtn. Blvd.
Colorado Springs, CO 80906
TITLE
DRAWING NO.
R
REV.
Note:
10/7/03
8S1, 8-lead (0.150" Wide Body), Plastic Gull Wing
Small Outline (JEDEC SOIC)
8S1
B
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A1
0.10
0.25
These drawings are for general information only. Refer to JEDEC Drawing MS-012, Variation AA for proper dimensions, tolerances, datums, etc.
A
1.35
1.75
b
0.31
0.51
C
0.17
0.25
D
4.80
5.00
E1
3.81
3.99
E
5.79
6.20
e
1.27 BSC
L
0.40
1.27
Top View
End View
Side View
e
B
D
A
A1
N
E
1
C
E1
L


Similar Part No. - AT88SC0204C-SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0204C-SU ATMEL-AT88SC0204C-SU Datasheet
408Kb / 18P
   CryptoMemory 2 Kbit
AT88SC0204C-SU ATMEL-AT88SC0204C-SU Datasheet
192Kb / 20P
   CryptoMemory 2 Kbit
More results

Similar Description - AT88SC0204C-SU

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M93C46-A125 STMICROELECTRONICS-M93C46-A125 Datasheet
563Kb / 31P
   Automotive 16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit
M93C46-DRE STMICROELECTRONICS-M93C46-DRE Datasheet
1Mb / 32P
   16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit and 1-Kbit
logo
ATMEL Corporation
AT88SC0204C ATMEL-AT88SC0204C_09 Datasheet
192Kb / 20P
   CryptoMemory 2 Kbit
AT88SC0204C ATMEL-AT88SC0204C_07 Datasheet
408Kb / 18P
   CryptoMemory 2 Kbit
logo
STMicroelectronics
M24C16-WMN6P STMICROELECTRONICS-M24C16-WMN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-BN6 STMICROELECTRONICS-M24C04-BN6 Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-WMN6 STMICROELECTRONICS-M24C04-WMN6 Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-WMN6P STMICROELECTRONICS-M24C04-WMN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C16-RBN6P STMICROELECTRONICS-M24C16-RBN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C16 STMICROELECTRONICS-M24C16_10 Datasheet
510Kb / 39P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com