Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM3088JN Datasheet(PDF) 7 Page - Analog Devices

Part # ADM3088JN
Description  High-Speed (10Mbps), Fail-Safe, RS-485/RS-422 Transceivers with Slew-Rate-Limiting and 5kV ESD Protection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3088JN Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM3088JN Datasheet HTML 3Page - Analog Devices ADM3088JN Datasheet HTML 4Page - Analog Devices ADM3088JN Datasheet HTML 5Page - Analog Devices ADM3088JN Datasheet HTML 6Page - Analog Devices ADM3088JN Datasheet HTML 7Page - Analog Devices ADM3088JN Datasheet HTML 8Page - Analog Devices ADM3088JN Datasheet HTML 9Page - Analog Devices ADM3088JN Datasheet HTML 10Page - Analog Devices ADM3088JN Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ADM3082/ADM3085/ADM3088
–7–
PRELIMINARY TECHNICAL DATA
ADM3082/ADM3085/ADM3088 TEST CIRCUITS AND TIMING
R
R
V OD
V OC
Y
Z
Figure 1. Driver DC Load Test Circuit
RDIFF
V OD2
CL1
C L2
3V
DE
DI
Figure 2. Test Load for Driver Timing Tests
DI
Z
Y
V
0/2
V
0
t
DF
V
DIFF
V
0
-V
0
0
90%
10%
t
DR
90%
10%
t
SK EW = |tDP LH -tDP H L|
5V
0V
1.5V
t
DP LH
t
DP H L
V
DIFF = V Y - V Z
Figure 3. Driver Propagation Delays
RO
A
B
1V
-1 V
V
OH
V
OL
1.5V
t
RP LH
t
RP HL
Figure 4. Receiver Propagation Delays
V CC
S1
S2
T EST
PO INT
CRL
15p F
500
OUT P UT
UN D E R
T EST
Figure 5. Test Load for Driver Enable/Disable Time Test
5V
0V
DE
Y, Z
Y, Z
V
OL
t
D ZL(S H D N ), tDZL
t
DL Z
OU TP U T N OR M A LLY LOW
O UT P UT NO RM ALL Y HIG H
1.5V
2.3V
V
OL+0.5 V
V
OH -0 .5 V
V
OL
t
DZH (SH DN ) tDZH
t
DH Z
2.3V
Figure 6. Driver Enable and Disable Times
RO
T EST
PO INT
V CC
1k
1k
S1
S2
C RL
15p F
Figure 7. Test Load for Receiver Enable/Disable Time Test
O UTP U T NOR M A LLY LOW
O UT P UT NO RM ALL Y HIG H
5V
0V
RE
RO
RO
t
RZ L(S HDN ), t RZ L
t
RL Z
1.5V
V
OL+0.5 V
V
OH -0 .5 V
0V
t
RZH (S HDN) , t RZH
t
RH Z
1.5V
V
CC
1.5V
Figure 8. Receiver Enable and Disable Delay Times
REV. PrA 02/02


Similar Part No. - ADM3088JN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3050E AD-ADM3050E Datasheet
360Kb / 18P
   Signal Isolated, Basic CAN FD Transceiver
ADM3050E AD-ADM3050E Datasheet
417Kb / 19P
   5.7 kV rms, Signal Isolated, Basic CAN FD Transceiver
Rev. B
ADM3050EBRIZ AD-ADM3050EBRIZ Datasheet
417Kb / 19P
   5.7 kV rms, Signal Isolated, Basic CAN FD Transceiver
Rev. B
ADM3050EBRIZ-RL AD-ADM3050EBRIZ-RL Datasheet
417Kb / 19P
   5.7 kV rms, Signal Isolated, Basic CAN FD Transceiver
Rev. B
ADM3050EBRWZ AD-ADM3050EBRWZ Datasheet
360Kb / 18P
   Signal Isolated, Basic CAN FD Transceiver
More results

Similar Description - ADM3088JN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3080CPD MAXIM-MAX3080CPD Datasheet
915Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080 Datasheet
275Kb / 20P
   Fail-Safe, High-Speed 10Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1138; Rev 1; 12/97
MAX3080 MAXIM-MAX3080_14 Datasheet
572Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080_V01 Datasheet
572Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
MAX3082CPA MAXIM-MAX3082CPA Datasheet
927Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080_07 Datasheet
622Kb / 20P
   Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080E MAXIM-MAX3080E Datasheet
213Kb / 20P
   ±15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 0; 9/00
MAX3080E MAXIM-MAX3080E_V01 Datasheet
242Kb / 20P
   짹15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1800; Rev 1; 5/06
MAX3085ECPA MAXIM-MAX3085ECPA Datasheet
242Kb / 20P
   15,-15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 1; 5/06
logo
AiT Semiconductor Inc.
A3085 AITSEMI-A3085 Datasheet
599Kb / 9P
   RS-485 TRANSCEIVERS FAIL-SAFE, HIGH-SPEED SLEW-RATE-LIMITED
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com