Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2030M Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AP2030M
Description  N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AP2030M Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AP2030M Datasheet HTML 1Page - List of Unclassifed Manufacturers AP2030M Datasheet HTML 2Page - List of Unclassifed Manufacturers AP2030M Datasheet HTML 3Page - List of Unclassifed Manufacturers AP2030M Datasheet HTML 4Page - List of Unclassifed Manufacturers AP2030M Datasheet HTML 5Page - List of Unclassifed Manufacturers AP2030M Datasheet HTML 6Page - List of Unclassifed Manufacturers AP2030M Datasheet HTML 7Page - List of Unclassifed Manufacturers AP2030M Datasheet HTML 8Page - List of Unclassifed Manufacturers AP2030M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AP2030M
N-Channel
Fig 5. Maximum Drain Current v.s.
Fig 6. Typical Power Dissipation
Case Temperature
Fig 7. Maximum Safe Operating Area
Fig 8. Effective Transient Thermal Impedance
0
1
2
3
4
5
6
7
8
25
50
75
100
125
150
T c , Case Temperature (
o C)
0
1
2
3
0
50
100
150
T c ,Case Temperature (
o C)
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
PDM
Duty Factor = t/T
Peak Tj = PDM x Rthja + Ta
Rthja =135
oC/W
t
T
0.02
0.01
0.05
0.1
0.2
Duty Factor = 0.5
Single Pulse
0.01
0.1
1
10
100
0.1
1
10
100
V DS (V)
T C=25
o C
Single Pulse
1ms
10ms
100ms
1s
10s
DC


Similar Part No. - AP2030M

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2030SD A-POWER-AP2030SD Datasheet
113Kb / 11P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP2030M

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2531GY A-POWER-AP2531GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJQ4503 JIANGSU-CJQ4503 Datasheet
5Mb / 6P
   N-and P-Channel Enhancement Mode Power MOSFET
logo
Cystech Electonics Corp...
MTC3588N6 CYSTEKEC-MTC3588N6_16 Datasheet
856Kb / 12P
   N- And P-Channel Enhancement Mode Power MOSFET
logo
Advanced Power Electron...
AP4501GSD A-POWER-AP4501GSD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4511GD A-POWER-AP4511GD Datasheet
155Kb / 8P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4569GD A-POWER-AP4569GD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com