Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE950 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE950
Description  Integrated Circuit Positive 3 Terminal Voltage Regulator, 100mA
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE950 Datasheet(HTML) 2 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics: (TJ = 0° to +125°C, IO = 40mA, CIN = 0.33µF, CO = 0.1µF, Note 2
unless otherwise specified)
NTE Type Number
NTE977
NTE950
NTE951
Input Voltage (unless otherwise specified)
VIN = 10V
VIN = 19V
VIN = 23V
Parameter
Symbol
Test Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Output Voltage
VO
TJ = +25°C
4.8
5.0
5.2
11.5
12.0
12.5
14.4
15.0
15.6
V
(Note 4)
1mA
≤ IO ≤ 70mA
4.75
5.25
11.4
12.6 14.25
15.75
V
1mA
≤ IO ≤ 70mA
4.75
5.25
11.4
12.6 14.25
15.75
V
VMIN ≤ VIN ≤ VMAX
(7
≤ VIN ≤ 20)
(14.5
≤ VIN ≤ 27)
(17.5
≤ VIN ≤ 30)
Line Regulation
∆VO
TJ = +25°C
10
54
20
110
25
140
mV
(8
≤ VIN ≤ 20)
(16
≤ VIN ≤ 27)
(20
≤ VIN ≤ 30)
V
18
75
30
180
37
250
mV
(7
≤ VIN ≤ 20)
(14.5
≤ VIN ≤ 27)
(17.5
≤ VIN ≤ 30)
V
Load Regulation
∆VO
TJ = +25°C,
1mA
≤ IO ≤ 40mA
5
30
10
50
12
75
mV
TJ = +25°C,
1mA
≤ IO ≤ 100mA
20
60
30
100
35
150
mV
Long Term Stability
∆VO
12
24
30
1000Hrs
mV
Quiescent Current
IQ
TJ = +25°C
3
5
3
5
3.1
5
mA
TJ = +125°C
4.7
4.7
4.7
mA
Quiescent Current
∆IQ
1mA
≤ IO ≤ 40mA
0.1
0.1
0.1
mA
Change
VMIN ≤ VIN ≤ VMAX
1.0
1.0
1.0
mA
(8
≤ VIN ≤ 20)
(16
≤ VIN ≤ 27)
(20
≤ VIN ≤ 30)
V
Output Noise
Voltage
Vn
TJ = +25°C, Note 3,
f = 10Hz to 10kHz
40
80
90
µV
Ripple Rejection
∆VIN
f = 120Hz
47
62
40
54
37
51
dB
∆VOUT
IN
(8
≤ VIN ≤ 16)
(15
≤ VIN ≤ 25)
(18.5
≤ VIN ≤ 28.5)
V
Input Voltage
Required to
Maintain Line
Regulation
TJ = +25°C
7
14.5
17.5
V
Note 2. The maximum steady state usable output current and input voltage are very dependent on
the heat sinking and/or lead length of the package. The data above represent pulse test
conditions with junction temperatures as indicated at the initiation of test.
Note 3. Recommended minimum load capacitance of 0.01
µF to limit high frequency noise band-
width.
Note 4. The temperature coefficient of VOUT is typically within ±0.01% VO/°C.


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn