Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2321363 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2321363
Description  Round cable with a molded 40-pos. socket strip and two 16-pos. socket strips for connecting two 8-channel MINI analog system adapters. No. of positions: 40/ 2 x 16; The cable is suitable for the analog cards AAI141 and AAI143. Cable length: 20 m
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2321363 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2321363 Datasheet HTML 1Page - PHOENIX CONTACT 2321363 Datasheet HTML 2Page - PHOENIX CONTACT 2321363 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
https://www.phoenixcontact.com/us/products/2321363
11/04/2014   Page 3 / 3
Cable - CABLE-40/2FLK16/20,0M/YUC - 2321363
Classifications
UNSPSC
UNSPSC 11
26121620
UNSPSC 12.01
26121620
UNSPSC 13.2
26121620
Phoenix Contact 2014 © - all rights reserved
http://www.phoenixcontact.com


Similar Part No. - 2321363

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2321334 PHOENIX-2321334 Datasheet
46Kb / 3P
   Round cable with a molded 40-pos.
2321347 PHOENIX-2321347 Datasheet
46Kb / 3P
   Round cable with a molded 40-pos.
2321350 PHOENIX-2321350 Datasheet
46Kb / 3P
   Round cable with a molded 40-pos. socket strip and two 16-pos. socket strips for connecting two 8-channel MINI analog system adapters. No.
2321376 PHOENIX-2321376 Datasheet
46Kb / 3P
   Round cable with a molded 40-pos. socket strip and two 16-pos. socket strips for connecting two 8-channel MINI analog system adapters. No. of positions: 40/ 2 x 16; The cable is suitable for the analog cards AAI141 and AAI143. Cable length: 15 m
2321389 PHOENIX-2321389 Datasheet
47Kb / 3P
   Assembled round cable with two molded 50-pos. socket strips (1:1 connection). Cable length: 11.0 m
More results

Similar Description - 2321363

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2321376 PHOENIX-2321376 Datasheet
46Kb / 3P
   Round cable with a molded 40-pos. socket strip and two 16-pos. socket strips for connecting two 8-channel MINI analog system adapters. No. of positions: 40/ 2 x 16; The cable is suitable for the analog cards AAI141 and AAI143. Cable length: 15 m
2321350 PHOENIX-2321350 Datasheet
46Kb / 3P
   Round cable with a molded 40-pos. socket strip and two 16-pos. socket strips for connecting two 8-channel MINI analog system adapters. No.
2300818 PHOENIX-2300818 Datasheet
77Kb / 3P
   Assembled circular cable, with one 20-pos. and two 14-pos. socket strips (for Emerson Delta V). The cable is suitable for coupling 8- channel modules. Length of cable: 3 m
2314558 PHOENIX-2314558 Datasheet
47Kb / 3P
   Round cable set, with two 40-pos. molded socket strips (1:1 connection). Length of cable: 30.0 m
2314354 PHOENIX-2314354 Datasheet
47Kb / 3P
   Round cable set, with two 40-pos. molded socket strips (1:1 connection). Length of cable: 3.0 m
2314370 PHOENIX-2314370 Datasheet
47Kb / 3P
   Round cable set, with two 40-pos. molded socket strips (1:1 connection). Length of cable: 10.0 m
2314383 PHOENIX-2314383 Datasheet
47Kb / 3P
   Round cable set, with two 40-pos. molded socket strips (1:1 connection). Length of cable: 15.0 m
2314367 PHOENIX-2314367 Datasheet
47Kb / 3P
   Round cable set, with two 40-pos. molded socket strips (1:1 connection). Length of cable: 4.0 m
2314532 PHOENIX-2314532 Datasheet
47Kb / 3P
   Round cable set, with two 40-pos. molded socket strips (1:1 connection). Length of cable: 20.0 m
2314545 PHOENIX-2314545 Datasheet
47Kb / 3P
   Round cable set, with two 40-pos. molded socket strips (1:1 connection). Length of cable: 25.0 m
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com