Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EE-SB5MC Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # EE-SB5MC
Description  Photomicrosensor with 80-mA Switching Capacity that can be Built into Equipment
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EE-SB5MC Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  EE-SB5MC Datasheet HTML 1Page - List of Unclassifed Manufacturers EE-SB5MC Datasheet HTML 2Page - List of Unclassifed Manufacturers EE-SB5MC Datasheet HTML 3Page - List of Unclassifed Manufacturers EE-SB5MC Datasheet HTML 4Page - List of Unclassifed Manufacturers EE-SB5MC Datasheet HTML 5Page - List of Unclassifed Manufacturers EE-SB5MC Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EE-SB5M/SB5MC/SB5V/SB5VC/SB5V-E
EE-SB5M/SB5MC/SB5V/SB5VC/SB5V-E
Precautions
Refer to the Technical Information Section for general
precautions.
An external sensitivity adjuster can be connected to the
EE-SB5V(C), EE-SB5V-E Photomicrosensor. When connecting
the sensitivity adjuster, insert resistor RF (current-limiting
resistor), as shown by the diagram. The value of RF is obtainable
as follows:
RF > (VCC - 1.5 V)/30 mA
Vcc
0V
Output
L
External sensitivity adjuster
IF
RF
OUT
Note: The EE-SB5V(C) and EE-SB5V-E have no constant current circuit to protect the LED. For this reason, the LED will be damaged by
excessive current applied to the positive terminal. To prevent potential LED damage, connect a current-limiting resistor, as shown
previously.
Cat. No. EO5DAX4
1/99
Specifications subject to change without notice.
Printed in U.S.A.
OMRON ELECTRONICS, INC.
OneEast CommerceDrive
Schaumburg, IL 60173
NOTE: DIMENSIONS SHOWN ARE IN MILLIMETERS. To convert millimeters to inches divide by 25.4.
1-800-55-OMRON
OMRON CANADA, INC.
885 Milner Avenue
Scarborough, Ontario M1B 5V8
416-286-6465



Similar Part No. - EE-SB5MC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SB5 OMRON-EE-SB5 Datasheet
705Kb / 4P
   Photomicrosensor (Reflective)
EE-SB5-B OMRON-EE-SB5-B Datasheet
705Kb / 4P
   Photomicrosensor (Reflective)
More results

Similar Description - EE-SB5MC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-1006-A OMRON-EE-1006-A Datasheet
1Mb / 13P
   Photomicrosensor with 50- to 100-mA direct switching capacity for built-in application.
EESX670 OMRON-EESX670 Datasheet
1Mb / 13P
   Photomicrosensor with 50- to 100-mA direct switching capacity for built-in application.
logo
Ultralife Corporation.
UBBP01 ULTRALIFE-UBBP01 Datasheet
456Kb / 2P
   Can be assembled into packs
Rev: L
logo
SunLED Corporation
XSM2CYK983W SUNLED-XSM2CYK983W Datasheet
230Kb / 3P
   Can be used with automatic insertion equipment
XSFBB983W SUNLED-XSFBB983W Datasheet
227Kb / 3P
   Can be used with automatic insertion equipment
logo
Zilog, Inc.
Z51F6412 ZILOG-Z51F6412 Datasheet
1Mb / 54P
   Power supply level that can be adjusted with potentiometer R20
logo
Surge Components
SPH2G331MND3045 SURGE-SPH2G331MND3045 Datasheet
263Kb / 2P
   The capacitor can be inserted into the PCB board
logo
VIGO Photonics S.A.
FIP VIGO-FIP Datasheet
748Kb / 2P
   Types of VIGO detectors that can be integrated with FIP preamplifier
10/11/2020
logo
PHOENIX CONTACT
0831019 PHOENIX-0831019 Datasheet
54Kb / 3P
   The UC-EMP ... UniCard labeling range includes markers that can be fitted into existing CARRIER-EMP ... label frames
logo
Omron Electronics LLC
EE-SX3173 OMRON-EE-SX3173 Datasheet
3Mb / 9P
   Built-in Photomicrosensor Connector Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com