Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE943 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE943
Description  Integrated Circuit Low Power, Low Offset, Dual Voltage Comparator
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE943 Datasheet(HTML) 2 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Absolute Maximum Ratings:
Supply Voltage, V+
36V or
±18V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential Input Voltage (Note 1)
36V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage
–0.3V to +36V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (Note 2)
NTE943
660mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE943M
780mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE943SM
510mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Short Circuit to GND (Note 3)
Continuous
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Current (VIN < –0.3V), Note 4)
50mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range
0
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (During Soldering, 10 sec)
+260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. Positive excursions of input voltage may exceed the power supply level. As long as the other
voltage remains within the common–mode range, the comparator will provide a proper out-
put state. The low input voltage state must not be less than –0.3V (or 0.3V below the the
magnitude of the negative power supply, if used).
Note 2. For operating at elevated temperature, these devices must be derated based on a 125
°C
maximum junction temperature and a thermal resistance of 127
°C/W which applies for the
device soldered in a printed circuit board, operating in a still air ambient. The low bias dis-
sipation and the “ON–OFF” haracteristic of the output keeps the chip dissipation very small
(PD ≤ 100mW), provided the output transistors are allowed to saturate.
Note 3. Short circuits from the output to V+ can cause excessive heating and eventual destruction.
When considering short circuits to GND, the maximum output current is approximately 20mA
independent of the magnitude of V+.
Note 4. This input current will only exist when the voltage at any of th input leads is driven negative.
It is due to the collector–base junction of the input PNP transistors becoming forward biased
and thereby acting as input diode clamps. In addition to this diode action, there is also lateral
NPN parasitic transistor action on the IC chip. This transistor action can cause the output
voltages of the comparators to go to the V+ voltage level (or to GND for a large overdrive)
for the time duration that an input is driven negative. This is not destructive and normal out-
put states will re–establish when the input voltage, which was negative, again returns to a
value greater than –0.3V.
Electrical Characteristics: (0
° ≤ TA ≤ +70°C, V+ = 5V unless otherwise specified)
Parameter
Test Conditions
Min
Typ
Max
Unit
Input Offset Voltage
Note 5
±9.0
mV
TA = +25°C, Note 5
±1.0
±5.0
mV
Input Offset Current
IIN(+) – IIN(–) VCM = 0V
±150
nA
IIN(+) – IIN(–) VCM = 0V, TA = +25°C
±5.0
±50
nA
Input Bias Current
IIN(+) or IIN(–) with Output in Linear Range, VCM = 0V,
Note 6
250
nA
IIN(+) or IIN(–) with Output in Linear Range, VCM = 0V,
TA = +25°C, Note 6
25
250
nA
Note 5. At output switch point, VO ^ 1.4V, RS = 0Ω, with V+ from 5V to 30V and over he full input
common–mode range (0V to V+ –1.5V), at 25
°C.
Note 6. The direction of the input current is out of the IC due to the PNP input stage. This current
is essentially constant, independent of the state of the output so no loading change exists
on the reference or input lines.


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn