Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE943 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE943
Description  Integrated Circuit Low Power, Low Offset, Dual Voltage Comparator
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE943 Datasheet(HTML) 1 Page - NTE Electronics

  NTE943 Datasheet HTML 1Page - NTE Electronics NTE943 Datasheet HTML 2Page - NTE Electronics NTE943 Datasheet HTML 3Page - NTE Electronics NTE943 Datasheet HTML 4Page - NTE Electronics NTE943 Datasheet HTML 5Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NTE943, NTE943M, & NTE943SM
Integrated Circuit
Low Power, Low Offset, Dual Voltage Comparator
Description:
The NTE943, NTE943M, and NTE943SM consist of two independent precision voltage comparators
with an offset voltage speciication as low as 2.0mV max for two comparators which were designed
specifically to operate from a single power supply over a wid range of voltages. Operation from split
power supplies is also possible and the low power supply current drain is independent of the magni-
tude of the power supply voltage. These comparators alos have a unique characteristic in that the
input common–mode voltage range includesground, even though operated from a single powe sup-
ply voltage.
Application areas include limit comparators, simple analog to digital converters; pulse, squarewave
and time delay generators; wide range VCO; MOS clock timers; multivibrators and high voltage digital
logic gates. These devices are designed to directly interface with TTL and CMOS. When operated
from both plus and minus power supplies they will directly interface with MOS logic where their low
power drain is a distinct advantage over standard comparators.
Features:
D Wide Single Supply
Volatge Range: 2.0V to 36V
Dual Supplies:
±1.0V to ±18V
D Low Supply Current Drain (0.8mA) – Independent of Supply Voltage (1.0mW/Comparator at 5V)
D Low Input Biasing Current: 25nA
D Low Input Offset Current: ±5nA
D Maximum Offset Voltage: ±3mV
D Input Common–Mode Voltage Range Includes Ground
D Differential Input Voltage Range Equal to the Power Supply Voltage
D Low Output Saturation Voltage: 240mV @ 4mA
D Output Voltge Compatible with TTL, DTL, ECL, MOS, and CMOS Logic Sytems
D Available in 3 Different Case Styles:
8–Lead Metal Can: NTE943
8–Lead Mini DIP: NTE943M
8–Lead SOIC (Surface Mount): NTE943SM


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn