Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IK4993 Datasheet(PDF) 8 Page - IK Semicon Co., Ltd

Part # IK4993
Description  5.0V/150mA Low-Drop Fixed-Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IK4993 Datasheet(HTML) 8 Page - IK Semicon Co., Ltd

Back Button IK4993 Datasheet HTML 3Page - IK Semicon Co., Ltd IK4993 Datasheet HTML 4Page - IK Semicon Co., Ltd IK4993 Datasheet HTML 5Page - IK Semicon Co., Ltd IK4993 Datasheet HTML 6Page - IK Semicon Co., Ltd IK4993 Datasheet HTML 7Page - IK Semicon Co., Ltd IK4993 Datasheet HTML 8Page - IK Semicon Co., Ltd IK4993 Datasheet HTML 9Page - IK Semicon Co., Ltd IK4993 Datasheet HTML 10Page - IK Semicon Co., Ltd IK4993 Datasheet HTML 11Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
IK4993
Preliminary Version
Application information.
Fig. 5. Application circuit.
Voltage regulator.
Voltage regulator uses a p-channel transistor as a regulating element. With this
structure, very low dropout voltage at current up to 500mA is obtained. The output voltage is
regulated up to transient input supply voltage of 40V. No functional interruption due to over-
voltage pulses is generated.
A short circuit protection to GND is provided.
The voltage regulator watchdog functionality can be disabled by putting WEn low.
Fig. 6. Behavior of current limitation.


Similar Part No. - IK4993

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK402U IKSEMICON-IK402U Datasheet
441Kb / 7P
   High-stability output current
logo
XP Power Limited
IK4803SA XPPOWER-IK4803SA Datasheet
228Kb / 1P
   0.25 Watt IK Series
IK4805SA XPPOWER-IK4805SA Datasheet
228Kb / 1P
   0.25 Watt IK Series
IK4807SA XPPOWER-IK4807SA Datasheet
228Kb / 1P
   0.25 Watt IK Series
IK4809SA XPPOWER-IK4809SA Datasheet
228Kb / 1P
   0.25 Watt IK Series
More results

Similar Description - IK4993

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4299GV33 INFINEON-TLE4299GV33 Datasheet
529Kb / 24P
   Low-Drop Fixed Voltage Regulator
Rev. 1.0 2005-01-27
TLE4299 INFINEON-TLE4299_07 Datasheet
475Kb / 25P
   Low-Drop Fixed Voltage Regulator
Rev. 1.1, 2007-10-17
logo
Taiwan Semiconductor Co...
TS4264G TSC-TS4264G Datasheet
145Kb / 5P
   150mA Ultra Low Drop Out Voltage Regulator
TS4264 TSC-TS4264 Datasheet
145Kb / 5P
   150mA Ultra Low Drop Out Voltage Regulator
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Anpec Electronics Corop...
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
   Low IQ, Low Dropout 150mA Fixed Voltage Regulator
logo
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
   5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com