Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE938M Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE938M
Description  Integrated Circuit Precision Operational Amplifier (OP Amp)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE938M Datasheet(HTML) 2 Page - NTE Electronics

  NTE938M Datasheet HTML 1Page - NTE Electronics NTE938M Datasheet HTML 2Page - NTE Electronics NTE938M Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics: (TA = +25°C, 5V ≤ VCC ≤ 15V, –15V ≤ VEE ≤ –5V unless otherwise
specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Offset Voltage
VIO
2.0
7.5
mV
TA = 0° to +70°C
10
mV
Input Offset Current
IIO
0.2
1.0
nA
TA = 0° to +70°C
1.5
nA
Input Bias Current
IIB
1.5
7.0
nA
TA = 0° to +70°C
10
nA
Input Resistance
rI
10
40
M
Power Supply Currents
ICC, IEE
VCC = +15V, VEE = –15V
±0.3 ±0.8
mA
Large Signal Voltage Gain
AVOL
VCC = +15V, VEE = –15V, VO = ±10V,
RL ≥ 10kΩ
25
300
V/mV
VCC = +15V, VEE = –15V, VO = ±10V,
RL ≥ 10kΩ, TA = 0° to +70°C
15
V/mV
Average Temperature Coefficient of
Input Offset Temperature
∆VIO/∆T 0° ≤ TA ≤ +70°C
6
30
µV/°C
Average Temperature Coefficient of
Input Offset Current
∆IIO/∆T
2
10
pA/
°C
Input Voltage Range
VIR
VCC = +15V, VEE = –15V
±14
V
Common Mode Rejection Ratio
CMRR
RS ≤ 50kΩ
80
100
dB
Supply Voltage Rejection Ratio
PSRR
RS ≤ 50kΩ
80
96
dB
Output Voltage Range
VOR
VCC = +15V, VEE = –15V, RL = 10kΩ
±13
±14
V
Pin Connection Diagram
8
7
6
5
4
3
2
1
Compensation
1
Inverting Input
Non–Inverting Input
V (–)
N.C.
Output
V (+)
Compensation 2
V (+)
Compensation 2
V (–)
Output
Invert Input
1
2
3
4
Compensation 1
Non–Inverting Input
8
7
6
5
N.C.
NTE938
(Top View)
NTE938M


Similar Part No. - NTE938M

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE93 NTE-NTE93 Datasheet
20Kb / 2P
   Silicon Complementary Transistors Hi-Fi Power Amp, Audio Ourtput
NTE930 NTE-NTE930 Datasheet
81Kb / 3P
   Linear Integrated Circuit BiMOS Operational Amp
NTE931 NTE-NTE931 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator 5V, 3A
NTE932 NTE-NTE932 Datasheet
25Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator 5V, 5A
NTE933 NTE-NTE933 Datasheet
24Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 12V, 5A
More results

Similar Description - NTE938M

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE945 NTE-NTE945 Datasheet
75Kb / 3P
   Integrated Circuit Operational Amp
NTE1529 NTE-NTE1529 Datasheet
19Kb / 2P
   Integrated Circuit Dual OP Amp
NTE863 NTE-NTE863 Datasheet
21Kb / 2P
   Integrated Circuit OP Amp/Comparator
NTE1171 NTE-NTE1171 Datasheet
26Kb / 3P
   Integrated Circuit Operational Amplifier
NTE941 NTE-NTE941 Datasheet
25Kb / 3P
   Integrated Circuit Operational Amplifier
NTE941D NTE-NTE941D Datasheet
23Kb / 3P
   Integrated Circuit Operational Amplifier
NTE941M NTE-NTE941M Datasheet
30Kb / 3P
   Integrated Circuit Operational Amplifier
NTE903 NTE-NTE903 Datasheet
25Kb / 2P
   Integrated Circuit Operational Amplifier
NTE941S NTE-NTE941S Datasheet
23Kb / 3P
   Integrated Circuit Operational Amplifier
NTE975 NTE-NTE975 Datasheet
26Kb / 4P
   Integrated Circuit Operational Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com