Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE937 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE937
Description  Integrated Circuit JFET Input Operational Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE937 Datasheet(HTML) 2 Page - NTE Electronics

  NTE937 Datasheet HTML 1Page - NTE Electronics NTE937 Datasheet HTML 2Page - NTE Electronics NTE937 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DC Electrical Characteristics: (TA = +25C, VS = ±15V unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Current
ICC
5
10
mA
DC Electrical Characteristics: (VS = ±15V, 0° ≤ TA ≤ +70°C, THIGH = +70°C unles otherwise
specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Offset Voltage
VOS
RS = 50Ω, TA = +25°C
3
10
mV
Over Temperature
13
mV
Average TC of Input Offset Voltage
∆VOS/∆T RS = 50Ω
5
µV/°C
Change in Average TC with VOS
Adjust
∆TC/∆VOS RS = 50Ω, Note 3
0.5
µV/°C
Input Offset Current
IOS
TJ = +25°C, Note 4
3
50
pA
TJ ≤ THIGH
2
nA
Input Bias Current
IB
TJ = +25°C, Note 4
30
200
pA
TJ ≤ THIGH
8
nA
Input Resistance
RIN
TJ = +25°C
1012
Large Signal Voltage Gain
AVOL
TA = +25°C, VO = ±10V,
RL = 2k
25
200
V/mV
Over Temperature
15
V/mV
Output Voltage Swing
VO
RL = 10k
±12
±13
V
RL = 2k
±10
±12
V
Input Common–Mode Voltage Range
VCM
±10 +15.1
–12
V
Common–Mode Rejection Ratio
CMRR
80
100
dB
Supply Voltage Rejection Ratio
PSRR
Note 5
80
100
dB
Note 3. The temperature coeficient of the adjust input offset voltage changes only a small amount
(0.5
µV/°C typically) for each mV of adjustment from its original unadjusted value. Common–
mode rejection and open loop voltage gain are also unaffected by offset adjustment.
Note 4. The input bias currents are junction leakage currents which approximately double for every
10
°C increase in the junction temperature, TJ. Due to limited production test time, the input
bias currents measured are correlated to junction temperature. In normal operation the junc-
tion temperature rises above the ambient temperature as a result of internal power dissipa-
tion, Pd. TJ = TA + RthJC Pd where RthJC is the thermal resistance from junction to ambient.
Use of a heat sink is recommended if input bias current is to be kept to a minimum.
Note 5. Supply Voltage Rejection is measured for both supply magnitudes increasing or decreasing
simultaneously, in accordance with common practice.


Similar Part No. - NTE937

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE9370 NTE-NTE9370 Datasheet
19Kb / 2P
   Integrated Circuit HTL, Quad D-Type Flip-Flop
NTE937M NTE-NTE937M Datasheet
32Kb / 3P
   Integrated Circuit JFET Input Operational Amplifier
More results

Similar Description - NTE937

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE937M NTE-NTE937M Datasheet
32Kb / 3P
   Integrated Circuit JFET Input Operational Amplifier
NTE857M NTE-NTE857M Datasheet
28Kb / 3P
   Integrated Circuit Low-Noise JFET-Input Operational Amplifier
NTE858M NTE-NTE858M Datasheet
28Kb / 3P
   Integrated Circuit Dual, Low-Noise JFET-Input Operational Amplifier
NTE859 NTE-NTE859 Datasheet
30Kb / 3P
   Integrated Circuit Quad, Low Noise, JFET Input Operational Amplifier
logo
Texas Instruments
TL070ACP TI1-TL070ACP Datasheet
311Kb / 16P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
TL080 TI-TL080_06 Datasheet
222Kb / 13P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
LF411 TI-LF411 Datasheet
172Kb / 7P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
TL070 TI-TL070 Datasheet
238Kb / 15P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
OPA659 TI1-OPA659 Datasheet
1Mb / 35P
[Old version datasheet]   JFET-Input Operational Amplifier
TL070 TI-TL070_06 Datasheet
299Kb / 16P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com