Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE937 Datasheet(PDF) 3 Page - NTE Electronics

Part # NTE937
Description  Integrated Circuit JFET Input Operational Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE937 Datasheet(HTML) 3 Page - NTE Electronics

  NTE937 Datasheet HTML 1Page - NTE Electronics NTE937 Datasheet HTML 2Page - NTE Electronics NTE937 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AC Electrical Characteristics: (TA = +25C, VS = ±15V unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Slew Rate
SR
AV = 5
30
50
V/
µs
Gain Bandwidth Product
GBW
20
MHz
Settling Time to 0.01%
ts
Note 6
1.5
µs
Equivalent Input Noise Voltage
eN
RS = 100Ω
f = 100Hz
15
nV/
√Hz
f = 1000Hz
12
nV/
√Hz
Equivalent Input Current Noise
iN
f = 100Hz
0.01
pA/
√Hz
f = 1000Hz
0.01
pA/
√Hz
Input Capacitance
CIN
3
pF
Note 6. AV = –5, the feedback resistor from output to input is 2kΩ and the output step is 10V.
Pin Connection Diagram
(Top View)
8
7
6
5
4
3
2
1
Offset Null
Inverting Input
Non–Inverting Input
VEE
Offset Null
Output
VCC
N.C.
.177 (4.5)
Max
.492
(12.5)
Min
.370 (9.39) Dia Max
.355 (9.03) Dia Max
45
°
.032 (0.82)
.018 (0.45) Dia Typ
.200
(5.08)
Dia
1
2
3
4
5
6
7
8


Similar Part No. - NTE937

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE9370 NTE-NTE9370 Datasheet
19Kb / 2P
   Integrated Circuit HTL, Quad D-Type Flip-Flop
NTE937M NTE-NTE937M Datasheet
32Kb / 3P
   Integrated Circuit JFET Input Operational Amplifier
More results

Similar Description - NTE937

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE937M NTE-NTE937M Datasheet
32Kb / 3P
   Integrated Circuit JFET Input Operational Amplifier
NTE857M NTE-NTE857M Datasheet
28Kb / 3P
   Integrated Circuit Low-Noise JFET-Input Operational Amplifier
NTE858M NTE-NTE858M Datasheet
28Kb / 3P
   Integrated Circuit Dual, Low-Noise JFET-Input Operational Amplifier
NTE859 NTE-NTE859 Datasheet
30Kb / 3P
   Integrated Circuit Quad, Low Noise, JFET Input Operational Amplifier
logo
Texas Instruments
TL070ACP TI1-TL070ACP Datasheet
311Kb / 16P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
TL080 TI-TL080_06 Datasheet
222Kb / 13P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
LF411 TI-LF411 Datasheet
172Kb / 7P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
TL070 TI-TL070 Datasheet
238Kb / 15P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
OPA659 TI1-OPA659 Datasheet
1Mb / 35P
[Old version datasheet]   JFET-Input Operational Amplifier
TL070 TI-TL070_06 Datasheet
299Kb / 16P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com