Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE933 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE933
Description  Integrated Circuit Positive 3 Terminal Voltage Regulator, 12V, 5A
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE933 Datasheet(HTML) 2 Page - NTE Electronics

  NTE933 Datasheet HTML 1Page - NTE Electronics NTE933 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics: (TJ = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage
VO
VIN = 15V to 22V, IO = 10mA to 3A, Note 2
11.05
12.0
13.05
V
Input–Output Differential
VIN–VO
IO = 5A, TJ = 0 to +125°C
2.6
V
Line Regulation
RegLine VIN = 15V to 27V, IO = 3A, Note 2
1.0
% VO
Load Regulation
RegLoad VIN = 15V, IO = 10mA to 5A, Note 2
0.6
% VO
Quiescent Current
IQ
VIN = 15V, IO = 10mA
25
mA
Quiescent Current Line
IQ(Line)
VIN = 15V to 22V, IO = 10mA
5
mA
Quiescent Current Load
IQ(Load)
VIN = 15V, IO = 10mA to 5A
5
mA
Current Limit
ILIM
VIN = 17V, Note 2
15
A
Temperature Coefficient
TC
VIN = 15V, IO = 100mA, TJ = 0 to +125°C
0.03
% VO/°C
Output Noise Voltage
VN
VIN = 15V, IO = 100mA. TJ = 0 to +125°C, Note 3
10
µVrms/V
Ripple Attenuation
RA
VIN = 17V, IO = 2A, TJ = 0 to +125°C, Note 4
60
dB
Power Dissipation
PD
VIN – VO (2.5V to 10V), IO = 10mA to 5A,
TJ = 0 to +125°C
50
W
Note 2. Low duty cycle pulse testing with Kelvin connections required. Die temperature changes
must be accounted for separatly.
Note 3. BW = 10Hz to 100kHz.
Note 4. Ripple attenuation is specified for a 1Vrms, 120Hz, input ripple. Ripple attenuation is mini-
mum of 60dB at 5V output and is 1dB less for each volt increase in the output voltage.
1.187 (30.16)
.875 (22.2)
Dia Max
.665
(16.9)
.430
(10.92)
Seating
Plane
.040 (1.02)
.312 (7.93) Min
.135 (3.45) Max
.350 (8.89)
Output
GND/Case
Input
.215 (5.45)
.525 (13.35) R Max
.156 (3.96) Dia
(2 Holes)
.188 (4.8) R Max


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn