Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1407573 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1407573
Description  AS-Interface distributor with a high degree of protection, for a branch from one flat-ribbon conductor to a 1.0 m PUR round cable with straight M12-SPEEDCON socket
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1407573 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1407573 Datasheet HTML 1Page - PHOENIX CONTACT 1407573 Datasheet HTML 2Page - PHOENIX CONTACT 1407573 Datasheet HTML 3Page - PHOENIX CONTACT 1407573 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.phoenixcontact.com/pi/products/1407573
10/16/2018   Page 3 / 4
Distributor - SAC-ASI-J-Y-N-PUR-1,0-FS SCO - 1407573
Technical data
Cable
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Drawings
Schematic diagram
3
4
2
1
5
Pin assignment M12, PIN 1: AS-i +, PIN 3: AS-i -, PIN 2,4,5: Not used
Cable cross section
PUR halogen-free black [PUR]
Dimensional drawing
22
27,7
Distributor, AS-Interface
Dimensional drawing
40,5
Ø4,2
Distance and position of the mounting holes
Circuit diagram
3.1 AS-i +
1.1
1.2
1.4
1.3
1.5
3.2 AS-i -
Contact assignment of the AS-Interface distributor
Dimensional drawing
44
M12 x 1 socket, straight


Similar Part No. - 1407573

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407575 PHOENIX-1407575 Datasheet
136Kb / 9P
   Distributor - SAC-ASI-J-Y-B-PUR-1,0-FS SCO
09/11/2020
More results

Similar Description - 1407573

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404430 PHOENIX-1404430 Datasheet
99Kb / 4P
   AS-Interface distributor with IP67 protection for one flat-ribbon conductor, with 1.0 m PUR round conductor and a molded, straight, A-coded, 2-pos. M12 SPEEDCON socket
1404443 PHOENIX-1404443 Datasheet
99Kb / 4P
   AS-Interface distributor with IP67 protection for one flat-ribbon conductor, with 1.0 m PUR round conductor and a molded, straight, A-coded, 2-pos. M12 SPEEDCON socket
1433155 PHOENIX-1433155 Datasheet
63Kb / 3P
   AS-Interface distributor with IP67 protection for one flat-ribbon conductor, with a straight, A-coded, 2-pos. M12 socket
1404469 PHOENIX-1404469 Datasheet
102Kb / 4P
   AS-Interface distributor with IP67 protection for two flat-ribbon conductors, with 2.0 m PUR round conductor and a molded, angled, A-coded, 4-pos. M12 SPEEDCON socket
1404485 PHOENIX-1404485 Datasheet
102Kb / 4P
   AS-Interface distributor with IP67 protection for two flat-ribbon conductors, with 2.0 m PUR round conductor and a molded, angled, A-coded, 4-pos. M12 SPEEDCON socket
1404414 PHOENIX-1404414 Datasheet
66Kb / 4P
   AS-Interface distributor with IP65/IP67/IP69k degree of protection for 1 flat-ribbon conductor, with a straight, A-coded, 2-pos. M12 socket
1404427 PHOENIX-1404427 Datasheet
63Kb / 3P
   AS-Interface distributor with IP65/IP67/IP69k degree of protection for 2 flat-ribbon conductors, with a straight, Acoded, 4-pos. M12 socket
1404508 PHOENIX-1404508 Datasheet
58Kb / 3P
   AS-Interface H distributor with IP65/IP67/IP69k degree of protection, for distribution from one to two flat-ribbon conductors
1433168 PHOENIX-1433168 Datasheet
61Kb / 3P
   AS-Interface distributor with IP67 protection for 1 flat-ribbon conductor, 2-pos., with screw connection, angled
1404498 PHOENIX-1404498 Datasheet
60Kb / 3P
   AS-Interface distributor with IP20 degree of protection for two flat-ribbon conductors, with spring-cage terminal blocks for four litz wires up to 1.5 mm짼
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com