Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1600733112 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 1600733112
Description  MX150 Cable Sealed Female Connector, Single Row, 3 Circuits, Single Key Option D,without Connector Position Assurance, Stone Gray
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX1 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

1600733112 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/18/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1600733112
Status:
Active
Overview:
MX150 Sealed and Unsealed Connector System
Description:
MX150 Cable Sealed Female Connector, Single Row, 3 Circuits, Single Key Option D,
without Connector Position Assurance, Stone Gray
Documents:
3D Model
Application Specification AS-34250-001-001 (PDF)
Drawing (PDF)
Application Specification AS-34250-100-001 (PDF)
Product Specification PS-34250-000-001 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
160073
Application
Power, Wire-to-Wire
More Detailed Tech Information
http://uscar.org/guest/teams/10/Electrical-Wiring-
Component-Applications -Partnership
Overview
MX150 Sealed and Unsealed Connector System
Polarization
D
Product Name
MX150
UPC
889056376976
Physical
Circuits (maximum)
3
Color - Resin
Stone Gray
Gender
Receptacle
Glow-Wire Capable
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Resin
Polyamide
Net Weight
8.417/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
4.50mm
Pitch - Termination Interface
4.50mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40° to +125°C
Material Info
Reference - Drawing Numbers
Application Specification
AS-34250-001-001, AS-34250-100-001
Product Specification
PS-34250-000-001
Sales Drawing
SD-160073-001-001, SD-34250-002-000
Series image - Reference only
EU ELV
Compliant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/61/2018 (27 June
2018)
Halogen-Free
Status
Not Relevant
For more information, please visit Contact US
China ROHS
Not Relevant
ELV
Compliant
RoHS Phthalates
Not Contained
Search Parts in this Series
160073 Series
Use With
34083 Tin (Sn) Cable Seal Female Terminal,
34081 Gold (Au) Cable Seal Female
Terminal
This document was generated on 10/18/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn