Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2956903 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. 2956903
Description  Base element without snap foot, for aligning several base elements with ribs, L = 16.5 mm
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

2956903 Datasheet(HTML) 1 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/produkte/2956903
26.06.2013   Page 1 / 3
Electronic housing - UM-BE 16,5 - 2956903
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Base element without snap foot, for aligning several base elements with ribs, L = 16.5 mm 
The illustration shows a combination
of versions UM-SE, UM 16,5 BE,
UM-BE 35, UM-BEFE 35, UM-SE-A
73 and UM-A/U 73 CM
Key commercial data
Packing unit
1 PCE
Minimum order quantity
50 PCE
GTIN
Custom tariff number
85369010
Country of origin
POLAND
Technical data
General
Housing material
Polyamide
Color
green
Dimensions
Width
16.5 mm
Technical data
Ambient temperature (operation)
-40 °C ... 105 °C
Inflammability class according to UL 94
V0
Classifications
ETIM
ETIM 2.0
EC001031


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn