Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2955577 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2955577
Description  Base element without snap foot, for aligning several base elements with ribs, L = 35 mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2955577 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2955577 Datasheet HTML 1Page - PHOENIX CONTACT 2955577 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
https://www.phoenixcontact.com/us/produkte/2955577
08.10.2012   Page 2 / 2
Electronic housing - UM-BE 35 - 2955577
Classifications
eclass
eCl@ss 6.0
27180802
eCl@ss 7.0
27182701
etim
ETIM 2.0
EC001031
ETIM 3.0
EC001031
ETIM 4.0
EC001031
ETIM 5.0
EC000721
unspsc
UNSPSC 6.01
31261501
UNSPSC 7.0901
31261501
UNSPSC 11
31261501
UNSPSC 12.01
31261501
UNSPSC 13.2
31261501
Approvals
Approvals
Approvals
UL Recognized
Ex Approvals
Approvals submitted
Approval details
UL Recognized 
© Phoenix Contact 2012 - all rights reserved
http://www.phoenixcontact.com


Similar Part No. - 2955577

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2955564 PHOENIX-2955564 Datasheet
123Kb / 4P
   Base element with snap-on foot, for mounting on NS 32 or NS 35/7.5 DIN rail, with ribs, L = 35 mm
2955580 PHOENIX-2955580 Datasheet
49Kb / 2P
   Connection pin, brass, for engaging several base elements to form one unit, 4 units necessary per element
2955593 PHOENIX-2955593 Datasheet
45Kb / 2P
   Side element, for closing both ends of the base element UM-BEFE
logo
Belden Inc.
29555C BELDEN-29555C Datasheet
241Kb / 2P
   VFD, 3C #4 Str BC XLPO Ins #6 Symm. Seg.
More results

Similar Description - 2955577

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2956657 PHOENIX-2956657 Datasheet
49Kb / 2P
   Base element without snap foot, for aligning several base elements without ribs, L = 35 mm
2956903 PHOENIX-2956903 Datasheet
50Kb / 3P
   Base element without snap foot, for aligning several base elements with ribs, L = 16.5 mm
2958053 PHOENIX-2958053 Datasheet
49Kb / 2P
   Base element without snap foot, for aligning several base elements without ribs, L = 16.5 mm
2955564 PHOENIX-2955564 Datasheet
123Kb / 4P
   Base element with snap-on foot, for mounting on NS 32 or NS 35/7.5 DIN rail, with ribs, L = 35 mm
2956660 PHOENIX-2956660 Datasheet
50Kb / 2P
   Base element with snap-on foot, for mounting on NS 32 or NS 35/7.5 DIN rail, without ribs, L = 35mm
2956819 PHOENIX-2956819 Datasheet
80Kb / 4P
   Electronics housing base element with snap-on foot for mounting on standard DIN rail, 35 mm wide
2764292 PHOENIX-2764292 Datasheet
178Kb / 5P
   Housing base,with snap foot
2943479 PHOENIX-2943479 Datasheet
145Kb / 7P
   Base element with snap-on foot, for mounting on standard DIN rail, 22.5 mm wide
2955580 PHOENIX-2955580 Datasheet
49Kb / 2P
   Connection pin, brass, for engaging several base elements to form one unit, 4 units necessary per element
logo
List of Unclassifed Man...
SL7-CB-100 ETC2-SL7-CB-100 Datasheet
162Kb / 3P
   100-mm base with aluminum tube and foot
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com