Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE927 Datasheet(PDF) 3 Page - NTE Electronics

Part # NTE927
Description  Integrated Circuit Differential Video Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE927 Datasheet(HTML) 3 Page - NTE Electronics

  NTE927 Datasheet HTML 1Page - NTE Electronics NTE927 Datasheet HTML 2Page - NTE Electronics NTE927 Datasheet HTML 3Page - NTE Electronics NTE927 Datasheet HTML 4Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Electrical Characteristics: (The following specifications apply for 0
° < TA < +70°C, VS = ±6V)
Parameter
Test Conditions
Min
Typ
Max
Unit
Differential Voltage Gain
Gain 1
Gain 2
Gain 3
RL = 2kΩ, VOUT = 3Vp–p
250
80
8.0
600
120
12.0
Input Resistance
Gain 2
8
k
Input Offset Current
6
µA
Input Bias Current
40
µA
Input Voltage Range
±1.0
V
Common Mode Rejection Ratio
Gain 2
VCM = ±1V, f ≤ 100kHz
50
dB
Supply Voltage Rejection Ratio
Gain 2
∆VS = ±0.5V
50
dB
Output Offset Voltage
Gain 1
Gain 2 and 3
RL = ∞
1.5
1.5
V
Output Voltage Swing
RL = 2k
2.8
Vpp
Output Sink Current
2.5
mA
Power Supply Current
RL = ∞
27
mA
Note 2. Pins G1A and G1B connected together.
Note 3. Pins G2A and G2B connected together.
Note 4. Gain select pins open.
Pin Connection Diagram
(Top View)
10
9
8
5
4
3
2
7
6
1
V (+)
Gain Select G2B
Input 2
Input 1
Gain Select G2A
Output 2
V (–)/Case
Gain Select G1B
Output 1
Gain Select G1A


Similar Part No. - NTE927

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE927D NTE-NTE927D Datasheet
28Kb / 4P
   Integrated Circuit Differential Video Amplifier
NTE927SM NTE-NTE927SM Datasheet
28Kb / 4P
   Integrated Circuit Differential Video Amplifier
More results

Similar Description - NTE927

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE927D NTE-NTE927D Datasheet
28Kb / 4P
   Integrated Circuit Differential Video Amplifier
NTE7139 NTE-NTE7139 Datasheet
26Kb / 3P
   Integrated Circuit Video Output Amplifier
NTE1413 NTE-NTE1413 Datasheet
27Kb / 3P
   Integrated Circuit Video IF Amplifier
NTE724 NTE-NTE724 Datasheet
25Kb / 3P
   Integrated Circuit Differential/Cascode Amplifier
NTE1128 NTE-NTE1128 Datasheet
22Kb / 2P
   Integrated Circuit TV Video IF Amplifier
NTE7081 NTE-NTE7081 Datasheet
25Kb / 3P
   Integrated Circuit RGB Video Amplifier System
NTE746 NTE-NTE746 Datasheet
23Kb / 2P
   Integrated Circuit TV Video IF Amplifier
logo
National Semiconductor ...
LM592 NSC-LM592 Datasheet
174Kb / 5P
   DIFFERENTIAL VIDEO AMPLIFIER
logo
Texas Instruments
TL592B TI-TL592B Datasheet
339Kb / 11P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIER
logo
NXP Semiconductors
MA733 PHILIPS-MA733 Datasheet
135Kb / 9P
   Differential video amplifier
April 15, 1992
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com