Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS0043 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # MS0043
Description  Semiconductor Magnetoresistive Element
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

MS0043 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  MS0043 Datasheet HTML 1Page - Asahi Kasei Microsystems MS0043 Datasheet HTML 2Page - Asahi Kasei Microsystems MS0043 Datasheet HTML 3Page - Asahi Kasei Microsystems MS0043 Datasheet HTML 4Page - Asahi Kasei Microsystems MS0043 Datasheet HTML 5Page - Asahi Kasei Microsystems MS0043 Datasheet HTML 6Page - Asahi Kasei Microsystems MS0043 Datasheet HTML 7Page - Asahi Kasei Microsystems MS0043 Datasheet HTML 8Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
[MS0043]
018006870-E-00
- 5 -
2018/06
Package Information
Unit: mm
Material of terminals: Copper alloy
Material of plating: Sn 100%
*Halogen free
Note1) The tolerance of dimensions with no mention is ±0.1mm.
Note2) The metal portions on the package side (support lead) and the center metal area
(1.77mm×1.67mm) on the package bottom should be isolated from the external circuit and the
other support lead. Also, soldering is prohibited.


Similar Part No. - MS0043

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
MS0030 AKM-MS0030 Datasheet
428Kb / 8P
   Semiconductor Magnetoresistive Element
MS0083 AKM-MS0083 Datasheet
460Kb / 8P
   Semiconductor Magnetoresistive Element
logo
ITT Industries
MS00A10-32PW ITT-MS00A10-32PW Datasheet
2Mb / 25P
   KPSE High performance crimp contact connectors
MS00A10-32PX ITT-MS00A10-32PX Datasheet
2Mb / 25P
   KPSE High performance crimp contact connectors
MS00A10-32PZ ITT-MS00A10-32PZ Datasheet
2Mb / 25P
   KPSE High performance crimp contact connectors
More results

Similar Description - MS0043

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
MS0083 AKM-MS0083 Datasheet
460Kb / 8P
   Semiconductor Magnetoresistive Element
MS-0082 AKM-MS-0082 Datasheet
224Kb / 7P
   Semiconductor Magnetoresistive Element
MS-0041 AKM-MS-0041 Datasheet
222Kb / 7P
   Semiconductor Magnetoresistive Element
MS-P254 AKM-MS-P254 Datasheet
459Kb / 6P
   Semiconductor Magnetoresistive Element
MS-0030 AKM-MS-0030 Datasheet
428Kb / 8P
   Semiconductor Magnetoresistive Element
MS0030 AKM-MS0030 Datasheet
428Kb / 8P
   Semiconductor Magnetoresistive Element
MS-0042 AKM-MS-0042 Datasheet
506Kb / 8P
   Semiconductor Magnetoresistive Element
MS-0050 AKM-MS-0050 Datasheet
425Kb / 8P
   Semiconductor Magnetoresistive Element
logo
Siemens Semiconductor G...
FP210D250-22 SIEMENS-FP210D250-22 Datasheet
220Kb / 5P
   Differential Magnetoresistive Sensor
FP212D250-22 SIEMENS-FP212D250-22 Datasheet
222Kb / 5P
   Differential Magnetoresistive Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com