Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE922SM Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE922SM
Description  Integrated Circuit Voltage Comparator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE922SM Datasheet(HTML) 1 Page - NTE Electronics

  NTE922SM Datasheet HTML 1Page - NTE Electronics NTE922SM Datasheet HTML 2Page - NTE Electronics NTE922SM Datasheet HTML 3Page - NTE Electronics NTE922SM Datasheet HTML 4Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NTE922, NTE922M, & NTE922SM
Integrated Circuit
Voltage Comparator
Description:
The NTE922, NTE922M, and NTE922SM are voltage comparators that have input currents nearly
a thousand times lower than devices like the NTE910 or NTE910D. They are also designed to operate
over a wider range of supply voltages: from standard
±15V op amp supplies down to the single 5V
supply used for IC logic. Their output is compatible with RTL, DTL and TTL as well as MOS circuits.
Further, they can drive lamps or relays, switching voltages up to 50V at currents as high as 50mA.
Both the input and the output of these devices can be isolated from system ground, and the output
can drive loads referred to ground, the positive supply or the negative supply. Offset balancing and
strobe capability are provided and outputs can be wire OR’ed. Although slower than the NTE910 and
NTE910D (200ns response time vs 40ns) the devices are also much less prone to spurious oscilla-
tions.
Features:
D Operates from single 5V supply
D Input current: 150nA max. over temperature
D Offset current: 20nA max. over temperature
D Differential input voltage range: ±30V
D Power consumption: 135mW at ± 15V
D Available in 3 Different Case Styles:
8–Lead Metal Can: NTE922
8–Lead Mini DIP: NTE922M
8–Lead SOIC (Surface Mount): NTE922SM
Absolute Maximum Ratings:
Total Supply Voltage (V84)
36V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output to Negative Supply Voltage (V74)
40V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Ground to Negative Supply Voltage (V14)
30V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential Input Voltage
±30V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage (Note 1)
±15V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (Note 2)
500mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. This rating applied for
±15V supplies. The positive input voltage limit is 30V above the nega-
tive supply. The negative input voltage limit is equal to the negative supply voltage or 30V
below the positive supply, whichever is less.
Note 2. The maximum junction temperature is 110
°C. For operating at elevated temperature, the
NTE922 must be derated based on a thermal resistance of 150
°C/W, junction–to–ambient,
or 45
°C/W, junction–to–case. The thermal resistance of the NTE922M and the NTE922SM
is 100
°C/W, junction–to–ambient.


Similar Part No. - NTE922SM

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE92 NTE-NTE92 Datasheet
20Kb / 2P
   Silicon Complementary Transistors Hi-Fi Power Amp, Audio Ourtput
logo
List of Unclassifed Man...
NTE9200 ETC1-NTE9200 Datasheet
32Kb / 1P
   MISCELLAMEOUS INTEGRATED CIRCUITS
logo
NTE Electronics
NTE923 NTE-NTE923 Datasheet
28Kb / 3P
   Integrated Circuit Precision Voltage Regulator
NTE923D NTE-NTE923D Datasheet
28Kb / 3P
   Integrated Circuit Precision Voltage Regulator
NTE924 NTE-NTE924 Datasheet
24Kb / 3P
   Integrated Circuit Voltage Follower, Operational Amplifier
More results

Similar Description - NTE922SM

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1434 NTE-NTE1434 Datasheet
18Kb / 2P
   Integrated Circuit Voltage Comparator
NTE911 NTE-NTE911 Datasheet
78Kb / 3P
   Integrated Circuit Dual Voltage Comparator
NTE1718 NTE-NTE1718 Datasheet
19Kb / 2P
   Integrated Circuit Dual Comparator
NTE834 NTE-NTE834 Datasheet
26Kb / 3P
   Integrated Circuit Low Power Low Offset Voltage Comparator
NTE1208 NTE-NTE1208 Datasheet
19Kb / 2P
   Integrated Circuit CMOS, Phase Comparator
NTE863 NTE-NTE863 Datasheet
21Kb / 2P
   Integrated Circuit OP Amp/Comparator
NTE943 NTE-NTE943 Datasheet
35Kb / 5P
   Integrated Circuit Low Power, Low Offset, Dual Voltage Comparator
logo
KEC(Korea Electronics)
KIA75S393F KEC-KIA75S393F Datasheet
79Kb / 3P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (SINGLE COMPARATOR)
LM393F KEC-LM393F Datasheet
47Kb / 3P
   BIPOLAR LINEAR INTEGRATED CIRCUIT DUAL COMPARATOR
KIA393P KEC-KIA393P Datasheet
68Kb / 3P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL COMPARATOR)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com