Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E32-L25 Datasheet(PDF) 93 Page - Omron Electronics LLC

Part # E32-L25
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-L25 Datasheet(HTML) 93 Page - Omron Electronics LLC

Back Button E32-L25 Datasheet HTML 89Page - Omron Electronics LLC E32-L25 Datasheet HTML 90Page - Omron Electronics LLC E32-L25 Datasheet HTML 91Page - Omron Electronics LLC E32-L25 Datasheet HTML 92Page - Omron Electronics LLC E32-L25 Datasheet HTML 93Page - Omron Electronics LLC E32-L25 Datasheet HTML 94Page - Omron Electronics LLC E32-L25 Datasheet HTML 95Page - Omron Electronics LLC E32-L25 Datasheet HTML 96Page - Omron Electronics LLC E32-L25 Datasheet HTML 97Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 108 page
background image
E32
E32
94
J
THROUGH-BEAM TYPE (CONT.)
Side Sensing Type
Fiber
2.2 (0.08) dia.
E32-T16
Mounting Holes
0.5-mm (0.02) Wide Slit Seal
(SoldinPairs)
1-mm (0.04) Wide Slit Seal
(SoldinPairs)
10.2
20 (0.79)
4
3.2
Two, R2
2
(0.79)
4
Two, (R)
Two, (R)
1.2
20
15.5
(0.61)
8.85 3
20
6dia.
27
(1.06)
Two, M3
8.4
Mounting bracket
E39-L4
33 (1.30)
43.2
58
5.5
4.5
11
(0.43)
2.3
3.2
Two,
3.2 (0.16) dia.
Lens
(2 x 10)
6
(0.23)
0.5
4
15
23
(0.90)
6
1
4
15
Black
Black
Sensing
head
(ABS)
23
(0.90)
25
2m
(6.56 ft.)
Two, 3.2 dia.,
6 dia counter
sinking
0.5-mm (0.02) wide Seal Slit
(Two slits are provided)
1-mm (0.04) wide Seal Slit
(Two slits are provided)
E32-T16P + E39-L94 Mounting
14.5
(0.57)
10.7
4
Sensing head
(heat-resistive ABS)
2.2 (0.09) dia.
optical fiber
27
(1.06)
4
(0.15)
20
(0.79)
Sensing
head
(2 x 11)
(PMMA)
2
4
4.8
Two, M3
4
20
(0.79)
Sensing
head
52
(2.04)
43.2
(1.7)
2.2-dia.
fiber
E39-L94 Mounting Bracket
(sold separately)
4
3.4
(0.13)
0.5 (0.02)
13.4
26.4
(1.04)
Black
Black
1
13.4
E32-T16P
2m
(6.56 ft.)
23.2
(0.91)
26.4
(1.04)
19
(0.75)
3.4
(0.13)
19
(0.75)
35
(1.38)
(0.79)
20
12.2
(0.48)
3.2
(0.13)


Similar Part No. - E32-L25

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-L25 OMRON-E32-L25 Datasheet
1Mb / 64P
   Optical Fiber Photoelectric Sensor
E32-L25A OMRON-E32-L25A Datasheet
1Mb / 64P
   Optical Fiber Photoelectric Sensor
E32-L25L OMRON-E32-L25L Datasheet
1Mb / 64P
   Optical Fiber Photoelectric Sensor
More results

Similar Description - E32-L25

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP000091120 INFINEON-SP000091120 Datasheet
201Kb / 2P
   Lichtwellenleiter LTT 76mm Fiber-optic cables LTT 76mm
2016-07-07 Revision: 3.1
logo
Sangdest Microelectroni...
245NQ400-1 SMC-245NQ400-1 Datasheet
165Kb / 3P
   Extensive Characterization of Recovery Parameters
logo
Infineon Technologies A...
SP000091117 INFINEON-SP000091117 Datasheet
202Kb / 2P
   Lichtwellenleiter LTT 150mm,172mm Fiber-optic cables LTT 150mm,172mm
2012-05-03 Revision: 2.0
logo
Omron Electronics LLC
E32-M21 OMRON-E32-M21 Datasheet
17Mb / 67P
   Fiber Sensors Best Selection Catalog
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Omron Electronics LLC
E32-D24 OMRON-E32-D24 Datasheet
17Mb / 68P
   Fiber Sensors Best Selection Catalog
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com