Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E32-L25 Datasheet(PDF) 66 Page - Omron Electronics LLC

Part # E32-L25
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-L25 Datasheet(HTML) 66 Page - Omron Electronics LLC

Back Button E32-L25 Datasheet HTML 62Page - Omron Electronics LLC E32-L25 Datasheet HTML 63Page - Omron Electronics LLC E32-L25 Datasheet HTML 64Page - Omron Electronics LLC E32-L25 Datasheet HTML 65Page - Omron Electronics LLC E32-L25 Datasheet HTML 66Page - Omron Electronics LLC E32-L25 Datasheet HTML 67Page - Omron Electronics LLC E32-L25 Datasheet HTML 68Page - Omron Electronics LLC E32-L25 Datasheet HTML 69Page - Omron Electronics LLC E32-L25 Datasheet HTML 70Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 108 page
background image
E32
E32
67
J
EXCESS GAIN RATIO (CONT.)
Diffuse, Armored Type
E32-UDAT1-3F with E3X-A11 amplifier
Sensing distance (mm)
100
50
30
10
5
1
0
50
100 150 200
250 300
Operating level
350
Sensing distance (mm)
100
10
1
0
50
150
200
0.1
100
E32-UDAT1-3F with E3JU-XR amplifier
E32-UDAT1-6F with E3X-A11 amplifier
Sensing distance (mm)
100
50
30
10
5
1
0
50
100
150 200
250
300
Operating level
350
Sensing distance (mm)
100
10
1
0
50
150
200
0.1
100
E32-UDAT1-6F with E3X-A11 amplifier
E32-UDBT1-3F with E3JU-X amplifier
100
10
1
0.1
0
50
100
150
Sensing distance (mm)
100
10
1
0.1
0
50
100
150
200
Sensing distance (mm)
200
E32-UDBT1-6F with E3JU-X amplifier
E32-D33 with E3X-A11 amplifier
E32-DC200B/B4 with E3XA-CC4A
analog amplifier
E32-DC200D/D4 with E3XA-CC4A
analog amplifier
Sensing distance (mm)
w/E3X-A
Operating level
Diffuse, Probe Type
Sensing distance (cm)
Vcc =12 V
Adjuster: MAX.
Sensing object:
3 x 3 cm white mat paper
Adjuster: MID.
Adjuster: MIN.
Sensing object:
3 x 3 cm white mat paper
Vcc =12 V
Adjuster: MAX.
Sensing distance (cm)


Similar Part No. - E32-L25

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-L25 OMRON-E32-L25 Datasheet
1Mb / 64P
   Optical Fiber Photoelectric Sensor
E32-L25A OMRON-E32-L25A Datasheet
1Mb / 64P
   Optical Fiber Photoelectric Sensor
E32-L25L OMRON-E32-L25L Datasheet
1Mb / 64P
   Optical Fiber Photoelectric Sensor
More results

Similar Description - E32-L25

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP000091120 INFINEON-SP000091120 Datasheet
201Kb / 2P
   Lichtwellenleiter LTT 76mm Fiber-optic cables LTT 76mm
2016-07-07 Revision: 3.1
logo
Sangdest Microelectroni...
245NQ400-1 SMC-245NQ400-1 Datasheet
165Kb / 3P
   Extensive Characterization of Recovery Parameters
logo
Infineon Technologies A...
SP000091117 INFINEON-SP000091117 Datasheet
202Kb / 2P
   Lichtwellenleiter LTT 150mm,172mm Fiber-optic cables LTT 150mm,172mm
2012-05-03 Revision: 2.0
logo
Omron Electronics LLC
E32-M21 OMRON-E32-M21 Datasheet
17Mb / 67P
   Fiber Sensors Best Selection Catalog
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Omron Electronics LLC
E32-D24 OMRON-E32-D24 Datasheet
17Mb / 68P
   Fiber Sensors Best Selection Catalog
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com