Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D24 Datasheet(PDF) 48 Page - Omron Electronics LLC

Part No. E32-D24
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D24 Datasheet(HTML) 48 Page - Omron Electronics LLC

Back Button E32-D24 Datasheet HTML 44Page - Omron Electronics LLC E32-D24 Datasheet HTML 45Page - Omron Electronics LLC E32-D24 Datasheet HTML 46Page - Omron Electronics LLC E32-D24 Datasheet HTML 47Page - Omron Electronics LLC E32-D24 Datasheet HTML 48Page - Omron Electronics LLC E32-D24 Datasheet HTML 49Page - Omron Electronics LLC E32-D24 Datasheet HTML 50Page - Omron Electronics LLC E32-D24 Datasheet HTML 51Page - Omron Electronics LLC E32-D24 Datasheet HTML 52Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 108 page
background image
E32
E32
49
Diffuse Fiber-optic Cables for E3A2-X and E3S-X3 Amplifiers
Application Features
Appearance
Type
Detection distance
Standard object
(see note)
Part number
High
accuracy
positioning
Concentric beam:
emitter in the center
andaringof 16
receivers in the 2 5
M6 threaded head x
20 mm (0 79 in) L
A2X
50 mm
30 x 30 mm
E32-CC200
receivers in the 2.5
mm dia. tip; 25 mm
bending radius;
1 mm ID fiber
20 mm (0.79 in) L
2 m (6.56 ft) length
SX3
General
purpose
Compact threaded
head; 25 mm bend-
ing radius; 1 mm ID
M6 threaded head x
A2X
50 mm
30 x 30 mm
E32-DC200
ing radius; 1 mm ID
fiber
M6 threaded head x
14 mm (0.55 in) L
2 m (6.56 ft) length
SX3
Thin probe Probe for space--
confined sensing
areas; 25 mm
M6 threaded head
90
(3 54 i )
A2X
50 mm
30 x 30 mm
E32-DC200B
areas; 25 mm
bending radius;
1 mm ID fiber
M6 threaded head
90 mm (3.54 in)
probe length
2 m (6.56 ft) length
SX3
General
purpose
Coiled cable ideal for
moving parts; 25 mm
bending radius;
1 mm ID fiber
M6 threaded head x
17 mm (0 67 in) L
A2X
15 mm
30 x 30 mm
E32-DC200C
1 mm ID fiber
17 mm (0.67 in) L
64 cm (2.1 ft) L
coiled; 2 m (6.56 ft)
extended.
SX3
Thin probe Sensing head with
90 mm probe; spiral
coiled cable with-
stands repeated
stretching from
M6 threaded head
90 mm (3.54 in)
probe length
A2X
15 mm
30 x 30 mm
E32-DC200D
stretching from
reciprocating
machine parts; 25
mm bending radius;
1 mm ID fiber
probe length
64 cm (2.1 ft) L
coiled; 2 m (6.56 ft)
extended
SX3
General
purpose
Thin fiber with small
easy-to-mount
head ; 25 mm
M3 threaded head x
A2X
12 mm
15 x 15 mm
E32-DC200E
head.; 25 mm
bending radius;
0.5 mm ID fiber
M3 threaded head x
11 mm (0.43 in) L
2 m (6.56 ft) length
SX3
Thin probe Sensing head with
90 mm probe; 25
mm bending radius;
M3 threaded head
90 mm (3 54 in)
A2X
12 mm
15 x 15 mm
E32-DC200F
mm bending radius;
0.5 mm ID fiber
90 mm (3.54 in)
length probe
2 m (6.56 ft) length
SX3
Note: A standard object for the diffuse fiber-optic cables is a Kodak 90% reflectance white card.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn