Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D24 Datasheet(PDF) 47 Page - Omron Electronics LLC

Part No. E32-D24
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D24 Datasheet(HTML) 47 Page - Omron Electronics LLC

Back Button E32-D24 Datasheet HTML 43Page - Omron Electronics LLC E32-D24 Datasheet HTML 44Page - Omron Electronics LLC E32-D24 Datasheet HTML 45Page - Omron Electronics LLC E32-D24 Datasheet HTML 46Page - Omron Electronics LLC E32-D24 Datasheet HTML 47Page - Omron Electronics LLC E32-D24 Datasheet HTML 48Page - Omron Electronics LLC E32-D24 Datasheet HTML 49Page - Omron Electronics LLC E32-D24 Datasheet HTML 50Page - Omron Electronics LLC E32-D24 Datasheet HTML 51Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 108 page
background image
E32
E32
48
J
E3A2-X AND E3S-X3 BLOCK STYLE AMPLIFIERS
The table specifies the sensing characteristics of each fiber when used with the following amplifiers:
A2X: E3A2-X Slim Amplifier with Plug-in Output
SX3: E3S-X3 Rugged Metal Body DC Amplifier
Through-beam Fiber-optic Cables
Application Features
Appearance
Type
Detection distance
Min. detectable
object (opaque)
Part number
General
purpose
Compact threaded
head; 25 mm
bending radius;
M4 threaded head x
A2X
120 mm
1.0 mm dia.
E32-TC200
bending radius;
1 mm ID fiber
M4 threaded head x
14 mm (0.55 in) L
2 m (6.56 ft) length
SX3
General
purpose
M3; possible to
mount the reflective
side view conversion
attachment
M3 threaded head x
7mm (0.28 in) L
A2X
120 mm
1.0 mm dia.
E32-TC200A
attachment
(E39-F5); 25 mm
bending radius;
1 mm ID fiber
7 mm (0.28 in) L
2 m (6.56 ft) length
SX3
Thin probe Probe for space-
confined sensing
areas; 25 mm
M4 threaded head
90 mm (3 54 in)
A2X
120 mm
1.0 mm dia.
E32-TC200B
areas; 25 mm
bending radius;
1 mm ID fiber
90 mm (3.54 in)
probe length
2 m (6.56 ft) length
SX3
General
purpose
Coiled cable ideal for
moving parts; 25 mm
bending radius;
1 mm ID fiber
M4 threaded head x
11 mm (0 43 in) L
A2X
100 mm
1.0 mm dia.
E32-TC200C
1 mm ID fiber
11 mm (0.43 in) L
56.5 cm (1.85 ft) L;
2 m (6.56 ft)
extended
SX3
Thin probe Sensing head with
90 mm probe; spiral
coiled cable with-
stands repeated
stretching from
M4 threaded head
90 mm (3.54 in)
probe length
A2X
100 mm
1.0 mm dia.
E32-TC200D
stretching from
reciprocating
machine parts; 25
mm bending radius;
1 mm ID fiber
probe length
56.6 cm (1.85 ft);
2 m (6.56 ft)
extended
SX3
General
purpose
Thin fiber with small
easy-to-mount
head ; 25 mm
M3 threaded head x
11
(0 43 i ) L
A2X
35 mm
0.5 mm dia.
E32-TC200E
head.; 25 mm
bending radius;
0.5 mm ID fiber
11 mm (0.43 in) L
2 m (6.56 ft) length
SX3
Thin probe Sensing head with
90 mm probe;
25 mm bending
M3 threaded head
90 mm (3 54 in)
A2X
35 mm
0.5 mm dia.
E32-TC200F
25 mm bending
radius; 0.5 mm ID
fiber
90 mm (3.54 in)
length probe
2 m (6.56 ft) length
SX3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn