Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D24 Datasheet(PDF) 42 Page - Omron Electronics LLC

Part No. E32-D24
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D24 Datasheet(HTML) 42 Page - Omron Electronics LLC

Back Button E32-D24 Datasheet HTML 38Page - Omron Electronics LLC E32-D24 Datasheet HTML 39Page - Omron Electronics LLC E32-D24 Datasheet HTML 40Page - Omron Electronics LLC E32-D24 Datasheet HTML 41Page - Omron Electronics LLC E32-D24 Datasheet HTML 42Page - Omron Electronics LLC E32-D24 Datasheet HTML 43Page - Omron Electronics LLC E32-D24 Datasheet HTML 44Page - Omron Electronics LLC E32-D24 Datasheet HTML 45Page - Omron Electronics LLC E32-D24 Datasheet HTML 46Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 108 page
background image
E32
E32
43
J
E3XA-CC4A ANALOG FIBER-OPTIC AMPLIFIER
Through-beam Fiber-optic Cables
Application Features
Appearance
Detection distance
Min. detectable object
Part number
General
purpose
Compact threaded head;
25 mm bending radius; 1 mm
ID fiber
M4 threaded head x
14 mm (0.55 in) L
2 m (6.56 ft) length
80 mm (600 mm*)
0.2 mm dia.
E32-TC200
General
purpose
M3; possible to mount the
reflective side-view conver-
sion attachment (E39-F5);
25 mm bending radius; 1 mm
ID fiber
M3 threaded head x
12.5 mm (0.49 in) L
2 m (6.56 ft) length
80 mm
0.2 mm dia.
E32-TC200A
Thin probe Probe for space-confined
sensing areas; 25 mm bend-
ing radius; 1 mm ID fiber
M4 threaded head
90 mm (3.54 in)
probe length
2 m (6.56 ft) length
80 mm
0.2 mm dia.
E32-TC200B
Thin probe Probe for space-confined
sensing areas; 25 mm bend-
ing radius; 1 mm ID fiber
M4 threaded head
40 mm (1.57 in)
probe length
2 m (6.56 ft) length
80 mm
0.2 mm dia.
E32-TC200B4
General
purpose
M3; suitable for detecting
minute objects; 25 mm
bending radius; 0.5 mm ID
fiber
M3 threaded head x
11 mm (0.43 in) L
2 m (6.56 ft) length
20 mm
0.1 mm dia.
E32-TC200E
Bendable
probe
Sensing head with 90 mm
probe; 25 mm bending radius
M3 threaded head
90 mm (3.54 in)
length probe
2 m (6.56 ft) length
20 mm
0.1 mm dia.
E32-TC200F
Bendable
probe
Sensing head with 90 mm
probe; 25 mm bending radius
M3 threaded head
40 mm (1.57 in)
length probe
2 m (6.56 ft) length
20 mm
0.1 mm dia.
E32-TC200F4
Long
distance
Built-in lens provides long
sensing distance; each
sensing head has two 3.2 mm
screw mounting holes; 25 mm
bending radius; 1 mm ID fiber
2 m (6.56 ft) length
90 mm
0.8 mm dia.
E32-T14
Mark/edge
detection
Ideal for mark sensing or belt
alignment; no optical axis
adjustment required; easy to
mount; 1 mm ID fiber
10 mm
2 m (6.56 ft) length
10 mm
0.8 mm dia.
E32-G14
Area
sensing
Multiple heads allow shape
recognition; 0.5 mm ID fiber
M3 threaded head
x11 mm (0.43 in) L
2 m (6.56 ft) length
100 mm
0.3 mm dia.
E32-M21
Note: *Value in parentheses represents the sensing distance of the fiber when the E39-F1 lens is attached to its tip.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn