Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D24 Datasheet(PDF) 32 Page - Omron Electronics LLC

Part No. E32-D24
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D24 Datasheet(HTML) 32 Page - Omron Electronics LLC

Back Button E32-D24 Datasheet HTML 28Page - Omron Electronics LLC E32-D24 Datasheet HTML 29Page - Omron Electronics LLC E32-D24 Datasheet HTML 30Page - Omron Electronics LLC E32-D24 Datasheet HTML 31Page - Omron Electronics LLC E32-D24 Datasheet HTML 32Page - Omron Electronics LLC E32-D24 Datasheet HTML 33Page - Omron Electronics LLC E32-D24 Datasheet HTML 34Page - Omron Electronics LLC E32-D24 Datasheet HTML 35Page - Omron Electronics LLC E32-D24 Datasheet HTML 36Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 108 page
background image
E32
E32
33
J
DIFFUSE, PROBE TYPE
The table specifies the sensing characteristics of each fiber when used with the following amplifiers:
Legend:
A
E3X-A (General purpose amplifier)
.......
DAN-HS E3X-DAN (Digital amplifier-- high speed mode)
DAN-LD E3X-DAN (Digital amplifier-- long distance mode)
DAN-SM E3X-DAN (Digital amplifier-- standard distance mode)
F
E3X-F (High performance amplifier-- high speed)
.......
H
E3X-H11 (High gain amplifier)
.......
NM
E3X-NM (4 channel auto-tuning amplifier)
.....
NT
E3X-NT (Auto-tuning amplifier: general purpose)
.....
NH
E3X-NH (High-precision, auto-tuning amplifier)
.....
NHB
E3X-NHB (High-precision, blue LED, auto-tuning amp)
....
NV
E3X-NV21 (Water-resistant, red light source amplifier)
.....
NVG
E3X-NVG21 (Water-resistant, green light source amp)
....
VG
E3X-VG (Mark sensing amplifier)
.....
Application Features
Appearance
Type
Detection distance
(see note)
Min. detectable
object (gold wire)
Part number
Needle
Super thin tip for
A
5mm
0.015 mm dia.
E32-D33
Needle
probe
Super thin tip for
minute object detec-
tion; 25 mm bending
3mm
dia
0.8 mm
di
DAN-HS
6mm
------------------------------
E32-D33
tion; 25 mm bending
radius;
0 2
ID fib
dia.
0.8 mm
dia.
2 m (6 56 ft) length
DAN-LD
21 mm
----------------------------
;
0.25 mm ID fiber
2 m (6.56 ft) length
DAN-SM
16 mm
0.01 mm dia.
F
1.8 mm
0.03 mm dia.
H
10 mm
0.015 mm dia.
NH
10 mm
0.012 mm dia.
NHB
NA
NA
NM
6mm
0.015 mm dia.
NT
7mm
0.012 mm dia.
NV
7mm
0.012 mm dia.
NVG
NA
NA
VG
NA
NA
Thin probe Probe for space-
A
75 mm
0.03 mm dia.
E32-DC200B
Thin probe Probe for space
confined sensing
areas; 25 mm
M6 threaded head
(
i )
DAN-HS
100 mm
------------------------
E32-DC200B
areas; 25 mm
bending radius;
1
ID fib
M6 threaded head
90 mm (3.54 in)
probe length
DAN-LD
400 mm
------------------------
g
;
1 mm ID fiber
probe length
2m (6.56 ft) length
DAN-SM
300 mm
0.01 mm dia.
2 m (6.56 ft) length
F
33 mm
0.03 mm dia.
H
150 mm
0.015 mm dia.
NH
150 mm
0.012 mm dia.
NHB
20 mm
0.012 mm dia.
NM
100 mm
0.015 mm dia.
NT
110 mm
0.012 mm dia.
NV
110 mm
0.012 mm dia.
NVG
10 mm
1.0 mm dia.
VG
10 mm
1.0 mm dia.
Note: Sensing distance is based on sensing a white paper that has 90% reflectivity.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn