Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D24 Datasheet(PDF) 31 Page - Omron Electronics LLC

Part No. E32-D24
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D24 Datasheet(HTML) 31 Page - Omron Electronics LLC

Back Button E32-D24 Datasheet HTML 27Page - Omron Electronics LLC E32-D24 Datasheet HTML 28Page - Omron Electronics LLC E32-D24 Datasheet HTML 29Page - Omron Electronics LLC E32-D24 Datasheet HTML 30Page - Omron Electronics LLC E32-D24 Datasheet HTML 31Page - Omron Electronics LLC E32-D24 Datasheet HTML 32Page - Omron Electronics LLC E32-D24 Datasheet HTML 33Page - Omron Electronics LLC E32-D24 Datasheet HTML 34Page - Omron Electronics LLC E32-D24 Datasheet HTML 35Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 108 page
background image
E32
E32
32
J
DIFFUSE, ARMORED TYPE
The table specifies the sensing characteristics of each fiber when used with the following amplifiers:
Legend:
A
E3X-A (General purpose amplifier)
.......
DAN-HS E3X-DAN (Digital amplifier-- high speed mode)
DAN-LD E3X-DAN (Digital amplifier-- long distance mode)
DAN-SM E3X-DAN (Digital amplifier-- standard distance mode)
F
E3X-F (High performance amplifier-- high speed)
.......
H
E3X-H11 (High gain amplifier)
.......
NM
E3X-NM (4 channel auto-tuning amplifier)
.....
NT
E3X-NT (Auto-tuning amplifier: general purpose)
.....
NH
E3X-NH (High-precision, auto-tuning amplifier)
.....
NHB
E3X-NHB (High-precision, blue LED, auto-tuning amp)
....
NV
E3X-NV21 (Water-resistant, red light source amplifier)
.....
NVG
E3X-NVG21 (Water-resistant, green light source amp)
....
VG
E3X-VG (Mark sensing amplifier)
.....
Application Features
Appearance
Type
Detection distance
(see note)
Min. detectable
object (gold wire)
Part number
General
Can withstand
A
80 mm
0.03 mm dia.
E32-UDAT1-3F
General
purpose
Can withstand
temperatures to
150°C (302°F)
5/16 -- 24 thread x
DAN-HS
Contact Omron
Contact Omron
E32 UDAT1 3F
150°C (302°F)
5/16 -- 24 thread x
38.1 mm (1.5 in) L
DAN-LD
Contact Omron
Contact Omron
0.91 m (3 ft) length
DAN-SM
Contact Omron
Contact Omron
F
Contact Omron
Contact Omron
H
Contact Omron
Contact Omron
NH
Contact Omron
Contact Omron
NHB
Contact Omron
Contact Omron
NM
Contact Omron
Contact Omron
NT
Contact Omron
Contact Omron
NV
Contact Omron
Contact Omron
NVG
Contact Omron
Contact Omron
VG
Contact Omron
Contact Omron
General
Can withstand
A
65 mm
0.03 mm dia.
E32-UDAT1-6F
General
purpose
Can withstand
temperatures to
150°C (302°F)
5/16 -- 24 thread x
DAN-HS
Contact Omron
Contact Omron
E32 UDAT1 6F
150°C (302°F)
5/16 -- 24 thread x
38.1 mm (1.5 in) L
DAN-LD
Contact Omron
Contact Omron
1.83 m (6 ft) length
DAN-SM
Contact Omron
Contact Omron
F
Contact Omron
Contact Omron
H
Contact Omron
Contact Omron
NH
Contact Omron
Contact Omron
NHB
Contact Omron
Contact Omron
NM
Contact Omron
Contact Omron
NT
Contact Omron
Contact Omron
NV
Contact Omron
Contact Omron
NVG
Contact Omron
Contact Omron
VG
Contact Omron
Contact Omron
General
purpose
Can withstand
temperatures to
200°C (392°F)
5/16 -- 24 thread x
38.1 mm (1.5 in) L
0.91 m (3 ft) length
E3JU-X
only
90 mm
0.05 mm dia.
E32-UDBT1-3F
General
purpose
Can withstand
temperatures to
200°C (392°F)
5/16 -- 24 thread x
38.1 mm (1.5 in) L
1.83 m (6 ft) length
E3JU-X
only
80 mm
0.05 mm dia.
E32-UDBT1-6F


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn