Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D24 Datasheet(PDF) 22 Page - Omron Electronics LLC

Part No. E32-D24
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D24 Datasheet(HTML) 22 Page - Omron Electronics LLC

Back Button E32-D24 Datasheet HTML 18Page - Omron Electronics LLC E32-D24 Datasheet HTML 19Page - Omron Electronics LLC E32-D24 Datasheet HTML 20Page - Omron Electronics LLC E32-D24 Datasheet HTML 21Page - Omron Electronics LLC E32-D24 Datasheet HTML 22Page - Omron Electronics LLC E32-D24 Datasheet HTML 23Page - Omron Electronics LLC E32-D24 Datasheet HTML 24Page - Omron Electronics LLC E32-D24 Datasheet HTML 25Page - Omron Electronics LLC E32-D24 Datasheet HTML 26Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 108 page
background image
E32
E32
23
J
THROUGH-BEAM, SPECIAL PURPOSE TYPE (CONT.)
The table specifies the sensing characteristics of each fiber when used with the following amplifiers:
Legend:
A
E3X-A (General purpose amplifier)
.......
DAN-HS E3X-DAN (Digital amplifier-- high speed mode)
DAN-LD E3X-DAN (Digital amplifier-- long distance mode)
DAN-SM E3X-DAN (Digital amplifier-- standard distance mode)
F
E3X-F (High performance amplifier-- high speed)
.......
H
E3X-H11 (High gain amplifier)
.......
NM
E3X-NM (4 channel auto-tuning amplifier)
.....
NT
E3X-NT (Auto-tuning amplifier: general purpose)
.....
NH
E3X-NH (High-precision, auto-tuning amplifier)
.....
NHB
E3X-NHB (High-precision, blue LED, auto-tuning amp)
....
NV
E3X-NV21 (Water-resistant, red light source amplifier)
.....
NVG
E3X-NVG21 (Water-resistant, green light source amp)
....
VG
E3X-VG (Mark sensing amplifier)
.....
Application Features
Appearance
Type
Detection distance
Min. detectable
object (opaque)
Part number
Wafer
Side view with
3 5 x 3 mm
A
Contact Omron
Contact Omron
E32-T24S
Wafer
detection
Side view with
narrow field of vision;
10 mm bending
3.5 x 3 mm
dia.
DAN-HS
500 mm
------------------------------
E32-T24S
10 mm bending
radius
DAN-LD
1,700 mm
------------------------------
2 m (6.56 ft) length DAN-SM
1,300 mm
0.01 mm dia.
2 m (6.56 ft) length
F
Contact Omron
Contact Omron
H
700 mm
Contact Omron
NH
700 mm
0.08 mm dia.
NHB
Contact Omron
Contact Omron
NM
450 mm
0.4 mm dia.
NT
480 mm
0.2 mm dia.
NV
480 mm
0.2 mm dia.
NVG
Contact Omron
Contact Omron
VG
Contact Omron
Contact Omron
Heat
i t t
Side view with
t i l
t l
i l
A
Contact Omron
Contact Omron
E32-T84S
resistant
stainless steel spiral
tube sheath; resists
3mm dia.
DAN-HS
500 mm
------------------------------
E32 T84S
tube sheath; resists
200°C (392°F) at the
fib ti 25
DAN-LD
1,700 mm
------------------------------
(
)
fiber tip; 25 mm
bending radius
DAN-SM
1,300 mm
0.01 mm dia.
bending radius
2 m (6.56 ft) length F
Contact Omron
Contact Omron
H
Contact Omron
Contact Omron
NH
700 mm
0.12 mm dia.
NHB
Contact Omron
Contact Omron
NM
450 mm
0.3 mm dia.
NT
480 mm
0.3 mm dia.
NV
480 mm
0.3 mm dia.
NVG
Contact Omron
Contact Omron
VG
Contact Omron
Contact Omron


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn