Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D24 Datasheet(PDF) 96 Page - Omron Electronics LLC

Part No. E32-D24
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D24 Datasheet(HTML) 96 Page - Omron Electronics LLC

Back Button E32-D24 Datasheet HTML 92Page - Omron Electronics LLC E32-D24 Datasheet HTML 93Page - Omron Electronics LLC E32-D24 Datasheet HTML 94Page - Omron Electronics LLC E32-D24 Datasheet HTML 95Page - Omron Electronics LLC E32-D24 Datasheet HTML 96Page - Omron Electronics LLC E32-D24 Datasheet HTML 97Page - Omron Electronics LLC E32-D24 Datasheet HTML 98Page - Omron Electronics LLC E32-D24 Datasheet HTML 99Page - Omron Electronics LLC E32-D24 Datasheet HTML 100Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 108 page
background image
E32
E32
97
J
THROUGH-BEAM TYPE (CONT.)
Special Purpose
E32-T84S
14.2
12
R8
A
2.000
B
20
15
13
5
φ
4
φ
φ 4
3
φ
3.5
φ
3
φ
°
90
2.2 mm dia.
2.9 mm
SUS 304
(0.59)
(0.79)
(0.47)
(0.14)
(0.12)
(0.51)
(0.56)
(78.74)
J
DIFFUSE TYPE
General Purpose
23
(0.90)
3
E32-CC200
1.0 dia. for light
emission
5.2
2.5 dia.
Two toothed washers
Two hexagon clamping nuts
Sensing head M6 x 0.75
(nickel-plated brass)
Optical fiber,
two, 2.2 dia.
2.4
10
Sixteen, 0.25
(0.01) dia. for
lightreception
2 m (6.56 ft.)
E32-D11
Sixteen,
0.265
dia.(0.01)
Sensing head
(SUS303)
M6 X 0.75
Protective tube
Optical fiber, two,
2.2 dia.
15
17
(0.67)
2.4
5.2
10
(0.39)
2 m (6.56 ft.)
Two hexagon clamping nuts
Two toothed washers (10 teeth)
E32-D11L
Two toothed washers
Two hexagon clamping nuts
Sensing head (nickel-plated brass) M6 x 0.75
Two optical fiber,2.2 dia.
2.4
20
(0.79)
3
4dia.
Two, 1.4 dia.
10
(0.39)
2 m (6.56 ft.)
5.2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn