Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D24 Datasheet(PDF) 95 Page - Omron Electronics LLC

Part No. E32-D24
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D24 Datasheet(HTML) 95 Page - Omron Electronics LLC

Back Button E32-D24 Datasheet HTML 91Page - Omron Electronics LLC E32-D24 Datasheet HTML 92Page - Omron Electronics LLC E32-D24 Datasheet HTML 93Page - Omron Electronics LLC E32-D24 Datasheet HTML 94Page - Omron Electronics LLC E32-D24 Datasheet HTML 95Page - Omron Electronics LLC E32-D24 Datasheet HTML 96Page - Omron Electronics LLC E32-D24 Datasheet HTML 97Page - Omron Electronics LLC E32-D24 Datasheet HTML 98Page - Omron Electronics LLC E32-D24 Datasheet HTML 99Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 108 page
background image
E32
E32
96
J
THROUGH-BEAM TYPE (CONT.)
Special Purpose
E32-M21
Sensinghead
M3 x 0.35
(SUS303)
Two hexagon clamping nuts
Two toothed washers
Silicone tube
Plastic fibers, four, 1 (0.04) dia.
Sleeve
Note: One set of silicone tubes is black while the other set is gray for easy identification
when they are connected to the light source and receiver.
1.8
11
23 (0.90)
13
28 (1.10)
2 m (6.56 ft.)
E32-T12F
4-mm
(0.16)
dia. lens Sensing head, 5 dia.
Fluoride resin
4dia.
100
(3.93)
20
2 m (6.56 ft.)
Optical fiber,
2.2 (0.086) dia.
E32-T22S
1.7 dia.
3
(0.12)
dia.
15
(0.59)
Sensing head
(nickel-plated brass)
2 m (6.56 ft.)
Optical fiber,
2.2 (0.086) dia.
E32-T24S
17.6
0.4 (0.02)
3.2
3.2
10
20.5 (0.81)
3
3.5 dia.
2 (0.08) dia.
Sensing head
(nickel-plated brass)
Mounting bracket (attachment)
Sensing surface
2 m (6.56 ft.)
Optical fiber,
2.2 (0.086) dia.
1.8 (0.07)
(0.69)
2
(0.08)
11
(0.43)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn