Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D24 Datasheet(PDF) 91 Page - Omron Electronics LLC

Part No. E32-D24
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D24 Datasheet(HTML) 91 Page - Omron Electronics LLC

Back Button E32-D24 Datasheet HTML 87Page - Omron Electronics LLC E32-D24 Datasheet HTML 88Page - Omron Electronics LLC E32-D24 Datasheet HTML 89Page - Omron Electronics LLC E32-D24 Datasheet HTML 90Page - Omron Electronics LLC E32-D24 Datasheet HTML 91Page - Omron Electronics LLC E32-D24 Datasheet HTML 92Page - Omron Electronics LLC E32-D24 Datasheet HTML 93Page - Omron Electronics LLC E32-D24 Datasheet HTML 94Page - Omron Electronics LLC E32-D24 Datasheet HTML 95Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 108 page
background image
E32
E32
92
J
THROUGH-BEAM TYPE (CONT.)
E32-UTBT1-3F
E32-UTBT1-6F
12.7 (0.5)
Ø3.2 (0.125)
(Fiber Bundle)
38.1 (1.5)
A
L
B
12.7 (0.5)
15.2 (0.6)
Ø7.1 (0.281)
Ø4.7 (0.187)
(303 stainless steel)
5.9 (0.234) (304 stainless steel)
(5/16 -- 24) thread
(303 stainless steel)
0.9 (0.035)
25.4 (1.0)
Note: 1. Distance A can withstand 200°C (392°F); Distance B can withstand 70°C (158°F);
2. L = 3ft. for E32-UTAT1-3F; 6ft. for E32-UTAT1-6F
Probe Type
E32-T33-1
Optical fiber,
two, 1 (0.04) dia.
2 m (6.56 ft.)
Fiber attachment
(E39-F9)
10
25
(0.98)
Two, 0.25
(0.01) dia.
0.8
(0.03) dia.
Sensing head
(SUS303)
3 (0.12) dia.
Heat-shrinkable
tubing
15
15
12
35 (1.38)
E32-TC200B
E32-TC200B4
3.2
1.0
(0.04) dia.
Stainless tube
(SUS304)
Two hexagon clamping nuts
Two toothed washers
Sensing head M4 x 0.7 (nickel-plated brass)
2.4
11
1.2 dia.
max.
90 (3.5)
[40 (1.57)]
(see note)
Note: The values in the brackets are for the E32-TC200B4.
Optical fiber, 2.2 (0.086) dia.
7
(0.28)
2 m (6.56 ft.)
E32-TC200D
E32-TC200D4
1.0 dia.
3.2
7
Stainless
tube
(SUS304)
Two toothed washers
Two hexagon clamping nuts
Sensing head M4 x
0.7 (nickel-plated
brass)
Optical fiber,
2.2 dia.
75
400
(15.8)
90
(3.53)
11
2.4
1.2
dia.
max.
90 (3.5)
[40 (1.57)]
See note
22
(0.87) dia.
2m (6.56ft.)
when straight
Note: The values in the brackets are for the E32-TC200D4.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn