Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D33 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part No. E32-D33
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D33 Datasheet(HTML) 5 Page - Omron Electronics LLC

  E32-D33 Datasheet HTML 1Page - Omron Electronics LLC E32-D33 Datasheet HTML 2Page - Omron Electronics LLC E32-D33 Datasheet HTML 3Page - Omron Electronics LLC E32-D33 Datasheet HTML 4Page - Omron Electronics LLC E32-D33 Datasheet HTML 5Page - Omron Electronics LLC E32-D33 Datasheet HTML 6Page - Omron Electronics LLC E32-D33 Datasheet HTML 7Page - Omron Electronics LLC E32-D33 Datasheet HTML 8Page - Omron Electronics LLC E32-D33 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 108 page
background image
E32
E32
6
J
THROUGH-BEAM, GENERAL PURPOSE TYPE
The table specifies the sensing characteristics of each fiber when used with the following amplifiers:
Legend:
A
E3X-A (General purpose amplifier)
.......
DAN-HS E3X-DAN (Digital amplifier-- high speed mode)
DAN-LD E3X-DAN (Digital amplifier-- long distance mode)
DAN-SM E3X-DAN (Digital amplifier-- standard distance mode)
F
E3X-F (High performance amplifier-- high speed)
.......
H
E3X-H11 (High gain amplifier)
.......
NM
E3X-NM (4 channel auto-tuning amplifier)
.....
NT
E3X-NT (Auto-tuning amplifier: general purpose)
.....
NH
E3X-NH (High-precision, auto-tuning amplifier)
.....
NHB
E3X-NHB (High-precision, blue LED, auto-tuning amp)
....
NV
E3X-NV21 (Water-resistant, red light source amplifier)
.....
NVG
E3X-NVG21 (Water-resistant, green light source amp)
....
VG
E3X-VG (Mark sensing amplifier)
.....
Application Features
Appearance
Type
Detection distance
Min. detectable ob-
ject (opaque)
Part number
Flexible
Can be bent like
A
140 (1,000*)
0.2 mm dia.
E32-T11R
Flexible
(resists
breaking)
Can be bent like
electric wires; 1 mm
bending radius
M4 screw x
14 mm (0 55 in)
DAN-HS
200 (1,400*) mm
------------------------------
E32 T11R
breaking)
bending radius
14 mm (0.55 in)
2
(6 56 ft) l
th
DAN-LD
670 (4,000**) mm
------------------------------
2 m (6.56 ft) length
DAN-SM
530 (3,700*) mm
0.01 mm dia.
F
Contact Omron
Contact Omron
H
280 (2,100*)
Contact Omron
NH
280 mm (2,100*)
0.1 mm dia.
NHB
Contact Omron
Contact Omron
NM
180 (1,300*) mm
0.2 mm dia.
NT
200 (1,400*) mm
0.1 mm dia.
NV
200 (1,400*) mm
0.1 mm dia.
NVG
Contact Omron
Contact Omron
VG
Contact Omron
Contact Omron
Long
di t
Compact unthreaded
h d 1
ID fib
A
350 mm
0.5 mm dia.
E32-T12L
g
distance
p
head; 1 mm ID fiber
3 mm dia. (0.12 in) x
14
(0 55 i )
DAN-HS
490 mm
----------------------------
E32 T12L
3 mm dia. (0.12 in) x
14 mm (0.55 in)
(
f ) l
h
DAN-LD
1,660 mm
----------------------------
2 m (6.56 ft) length
DAN-SM
1,330 mm
0.01 mm dia.
F
150 mm
0.5 mm dia.
H
700 mm
0.5 mm dia.
NH
700 mm
0.06 mm dia.
NHB
90 mm
0.06 mm dia.
NM
500 mm
0.2 mm dia.
NT
540 mm
0.15 mm dia.
NV
540 mm
0.15 mm dia.
NVG
40 mm
0.5 mm dia.
VG
40 mm
0.5 mm dia.
Note: * Value in parentheses represents the sensing distance of the fiber when the E39-F1 lens is attached to its tip.
** Value in parentheses is based on each fiber having a cable length of 2 m.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn