Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D33 Datasheet(PDF) 46 Page - Omron Electronics LLC

Part No. E32-D33
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D33 Datasheet(HTML) 46 Page - Omron Electronics LLC

Back Button E32-D33 Datasheet HTML 42Page - Omron Electronics LLC E32-D33 Datasheet HTML 43Page - Omron Electronics LLC E32-D33 Datasheet HTML 44Page - Omron Electronics LLC E32-D33 Datasheet HTML 45Page - Omron Electronics LLC E32-D33 Datasheet HTML 46Page - Omron Electronics LLC E32-D33 Datasheet HTML 47Page - Omron Electronics LLC E32-D33 Datasheet HTML 48Page - Omron Electronics LLC E32-D33 Datasheet HTML 49Page - Omron Electronics LLC E32-D33 Datasheet HTML 50Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 108 page
background image
E32
E32
47
Diffuse Fiber-optic Cables with E3JU-XR Amplifiers
Application Features
Appearance
Detection distance
Min. detectable object
Part number
General
purpose
Compact threaded head;
25 mm bending radius; 1 mm
ID fiber
M6 threaded head x
14 mm (0.55 in) L
2 m (6.56 ft) length
75 mm
0.015 mm dia.
E32-DC200
General
purpose
Compact threaded head;
4 mm bending radius;
0.25 mm ID fiber
M6 threaded head x
17 mm (0.67 in) L
2 m (6.56 ft) length
45 mm
0.03 mm dia.
E32-D11
General
purpose
Compact threaded head;
4 mm bending radius;
0.25 mm ID fiber
M3 threaded head x
11 mm (0.43 in) L
2 m (6.56 ft) length
7mm
0.03 mm dia.
E32-D21
General
purpose
Compact threaded head;
25 mm bending radius;
0.25 mm ID fiber; coaxial
2 mm (0.08 in) dia.
x 15 mm (0.59 in)
tip; 29 mm (1.14
in) L overall
2 m (6.56 ft) length
18 mm
0.03 mm dia.
E32-D32
Heat
resistant
Resists 150°C; fiber sheath
material: fluororesin.
Operating ambient
temperature: --40_C to 150_C
(--40_F to 302_F);
35 mm bending radius;
1.5 mm ID fiber
M6 threaded head
2 m (6.56 ft) length
60 mm
0.03 mm dia.
E32-D51
General
purpose
Armored glass fiber-optic
cable can withstand tempera-
tures to 150_C (302_F)
5/16--24 thread x
38.1 mm (1.5 in) L
0.91 m (3 ft) length
80 mm
0.03 mm dia.
E32-UDAT1-3F
General
purpose
Armored glass fiber-optic
cable can withstand tempera-
tures to 150_C (302_F)
5/16--24 thread x
38.1 mm (1.5 in) L
1.83 m (6 ft) length
65 mm
0.03 mm dia.
E32-UDAT1-6F


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn