Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D33 Datasheet(PDF) 39 Page - Omron Electronics LLC

Part No. E32-D33
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D33 Datasheet(HTML) 39 Page - Omron Electronics LLC

Back Button E32-D33 Datasheet HTML 35Page - Omron Electronics LLC E32-D33 Datasheet HTML 36Page - Omron Electronics LLC E32-D33 Datasheet HTML 37Page - Omron Electronics LLC E32-D33 Datasheet HTML 38Page - Omron Electronics LLC E32-D33 Datasheet HTML 39Page - Omron Electronics LLC E32-D33 Datasheet HTML 40Page - Omron Electronics LLC E32-D33 Datasheet HTML 41Page - Omron Electronics LLC E32-D33 Datasheet HTML 42Page - Omron Electronics LLC E32-D33 Datasheet HTML 43Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 108 page
background image
E32
E32
40
J
DIFFUSE, CONVERGENT TYPES (CONT.)
Legend:
A
E3X-A (General purpose amplifier)
.......
DAN-HS E3X-DAN (Digital amplifier-- high speed mode)
DAN-LD E3X-DAN (Digital amplifier-- long distance mode)
DAN-SM E3X-DAN (Digital amplifier-- standard distance mode)
F
E3X-F (High performance amplifier-- high speed)
.......
H
E3X-H11 (High gain amplifier)
.......
NM
E3X-NM (4 channel auto-tuning amplifier)
.....
NT
E3X-NT (Auto-tuning amplifier: general purpose)
.....
NH
E3X-NH (High-precision, auto-tuning amplifier)
.....
NHB
E3X-NHB (High-precision, blue LED, auto-tuning amp)
....
NV
E3X-NV21 (Water-resistant, red light source amplifier)
.....
NVG
E3X-NVG21 (Water-resistant, green light source amp)
....
VG
E3X-VG (Mark sensing amplifier)
.....
Application Features
Appearance
Type
Detection distance
(see note)
Min. detectable
object (gold wire)
Part number
Wafer
Convergent beam
A
3.3 mm
0.03 mm dia.
E32-L25
Wafer
detection,
height
Convergent beam
suppresses back-
ground objects;
DAN-HS
3.3 mm
--------------------------
E32-L25
height
differences
ground objects;
cable exits the side;
2 m (6.56 ft) length
DAN-LD
3.3 mm
--------------------------
differences cable exits the side;
25 mm bending
radius
DAN-SM
3.3 mm
0.01 mm dia.
radius
F
3.3 mm
0.5 mm dia.
H
3.3 mm
0.015 mm dia.
NH
3.3 mm
0.012 mm dia.
NHB
NA
NA
NM
3.3 mm
0.015 mm dia.
NT
3.3 mm
0.012 mm dia.
NV
3.3 mm
0.012 mm dia.
NVG
NA
NA
VG
NA
NA
Wafer
d
i
Convergent beam
b k
A
3.3 mm
0.03 mm dia.
E32-L25A
Wafer
detection,
height
Convergent beam
suppresses back-
ground objects;
DAN-HS
3.3 mm
--------------------------
E32-L25A
height
differences
ground objects;
cable exits the
b
2
DAN-LD
3.3 mm
--------------------------
bottom; 25 mm
bending radius
2 m (6.56 ft) length
DAN-SM
3.3 mm
0.01 mm dia.
bending radius
2 m (6.56 ft) length
F
3.3 mm
0.5 mm dia.
H
3.3 mm
0.015 mm dia.
NH
3.3 mm
0.012 mm dia.
NHB
NA
NA
NM
3.3 mm
0.015 mm dia.
NT
3.3 mm
0.012 mm dia.
NV
3.3 mm
0.012 mm dia.
NVG
NA
NA
VG
NA
NA
Wafer
Long distance con-
A
7.2 ± 1.8 mm
0.015 mm dia.
E32-L25L
Wafer
detection,
height
Long distance con
vergent beam type
suppresses back-
2 m (6 56 ft) length
DAN-HS
7.2 ± 1.8 mm
--------------------------
E32-L25L
height
differences
suppresses back-
ground objects;
bl
i
h
id
2 m (6.56 ft) length
DAN-LD
7.2 ± 1.8 mm
--------------------------
g
j
;
cable exits the side;
10 mm bending
DAN-SM
7.2 ± 1.8 mm
0.01 mm dia.
10 mm bending
radius
F
7.2 ± 1.8 mm
0.015 mm dia.
H
7.2 ± 1.8 mm
0.015 mm dia.
NH
7.2 ± 1.8 mm
0.012 mm dia.
NHB
NA
NA
NM
7.2 ± 1.8 mm
0.015 mm dia.
NT
7.2 ± 1.8 mm
0.012 mm dia.
NV
7.2 ± 1.8 mm
0.012 mm dia.
NVG
NA
NA
VG
NA
NA
Note: Sensing distance is based on sensing a white paper that has 90% reflectivity.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn