Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D33 Datasheet(PDF) 27 Page - Omron Electronics LLC

Part No. E32-D33
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D33 Datasheet(HTML) 27 Page - Omron Electronics LLC

Back Button E32-D33 Datasheet HTML 23Page - Omron Electronics LLC E32-D33 Datasheet HTML 24Page - Omron Electronics LLC E32-D33 Datasheet HTML 25Page - Omron Electronics LLC E32-D33 Datasheet HTML 26Page - Omron Electronics LLC E32-D33 Datasheet HTML 27Page - Omron Electronics LLC E32-D33 Datasheet HTML 28Page - Omron Electronics LLC E32-D33 Datasheet HTML 29Page - Omron Electronics LLC E32-D33 Datasheet HTML 30Page - Omron Electronics LLC E32-D33 Datasheet HTML 31Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 108 page
background image
E32
E32
28
J
DIFFUSE, GENERAL PURPOSE TYPE (CONT.)
The table specifies the sensing characteristics of each fiber when used with the following amplifiers:
Legend:
A
E3X-A (General purpose amplifier)
.......
DAN-HS E3X-DAN (Digital amplifier-- high speed mode)
DAN-LD E3X-DAN (Digital amplifier-- long distance mode)
DAN-SM E3X-DAN (Digital amplifier-- standard distance mode)
F
E3X-F (High performance amplifier-- high speed)
.......
H
E3X-H11 (High gain amplifier)
.......
NM
E3X-NM (4 channel auto-tuning amplifier)
.....
NT
E3X-NT (Auto-tuning amplifier: general purpose)
.....
NH
E3X-NH (High-precision, auto-tuning amplifier)
.....
NHB
E3X-NHB (High-precision, blue LED, auto-tuning amp)
....
NV
E3X-NV21 (Water-resistant, red light source amplifier)
.....
NVG
E3X-NVG21 (Water-resistant, green light source amp)
....
VG
E3X-VG (Mark sensing amplifier)
.....
Application Features
Appearance
Type
Detection distance
(see note)
Min. detectable
object (gold wire)
Part number
Precise
Concentric beam:
A
20 mm
0.03 mm dia.
E32-D32
Precise
positioning
Concentric beam:
light source in the
center with a ring of
2 mm (0 08 in) dia
DAN-HS
25 mm
----------------------------
E32-D32
center with aring of
4receivers in2mm
2mm (0.08 in) dia.
x 15 mm (0.59 in)
ti 29
(1 14
DAN-LD
100 mm
----------------------------
4 receivers in 2 mm
dia. tip; 25 mm
bending radius;
(
)
tip; 29 mm (1.14
in) L overall
DAN-SM
75 mm
0.01 mm dia.
bending radius;
0.25 mm ID fiber
in) L overall
2m (6.56 ft) length
F
9mm
0.03 mm dia.
0.25 mm ID fiber
2 m (6.56 ft) length
H
40 mm
0.015 mm dia.
NH
40 mm
0.012 mm dia.
NHB
Contact Omron
Contact Omron
NM
30 mm
0.015 mm dia.
NT
33 mm
0.012 mm dia.
NV
33 mm
0.012 mm dia.
NVG
2.5 mm
0.5 mm dia.
VG
2.5 mm
0.5 mm dia
Coaxial
Concentric beam:
A
40 mm
0.04 mm dia.
E32-D32L
Coaxial
diffuse for
precise
Concentric beam:
light source in the
center with a ring of
3mm (0.12 in) dia.
DAN-HS
50 mm
0.01 mm dia.
E32-D32L
precise
positioning
center with aring of
16 receivers in 3 mm
3 mm (0.12 in) dia.
x 15 mm (0.59 in) L
DAN-LD
200 mm
0.01 mm dia.
positioning 16 receivers in 3 mm
dia. tip; 25 mm
bending radius
2 m (6.56 ft) length
DAN-SM
150 mm
0.01 mm dia.
bending radius
F
11 mm
1.1 mm dia,
H
80 mm
0.015 mm dia.
NH
80 mm
0.012 mm dia.
NHB
Contact Omron
Contact Omron
NM
60 mm
0.04 mm dia.
NT
65 mm
0.012 mm dia.
NV
65 mm
0.012 mm dia.
NVG
4mm
1mm dia.
VG
4mm
1mm dia.
Note: Sensing distance is based on sensing a white paper that has 90% reflectivity.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn