Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D33 Datasheet(PDF) 26 Page - Omron Electronics LLC

Part No. E32-D33
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D33 Datasheet(HTML) 26 Page - Omron Electronics LLC

Back Button E32-D33 Datasheet HTML 22Page - Omron Electronics LLC E32-D33 Datasheet HTML 23Page - Omron Electronics LLC E32-D33 Datasheet HTML 24Page - Omron Electronics LLC E32-D33 Datasheet HTML 25Page - Omron Electronics LLC E32-D33 Datasheet HTML 26Page - Omron Electronics LLC E32-D33 Datasheet HTML 27Page - Omron Electronics LLC E32-D33 Datasheet HTML 28Page - Omron Electronics LLC E32-D33 Datasheet HTML 29Page - Omron Electronics LLC E32-D33 Datasheet HTML 30Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 108 page
background image
E32
E32
27
J
DIFFUSE, GENERAL PURPOSE TYPE (CONT.)
The table specifies the sensing characteristics of each fiber when used with the following amplifiers:
Legend:
A
E3X-A (General purpose amplifier)
.......
DAN-HS E3X-DAN (Digital amplifier-- high speed mode)
DAN-LD E3X-DAN (Digital amplifier-- long distance mode)
DAN-SM E3X-DAN (Digital amplifier-- standard distance mode)
F
E3X-F (High performance amplifier-- high speed)
.......
H
E3X-H11 (High gain amplifier)
.......
NM
E3X-NM (4 channel auto-tuning amplifier)
.....
NT
E3X-NT (Auto-tuning amplifier: general purpose)
.....
NH
E3X-NH (High-precision, auto-tuning amplifier)
.....
NHB
E3X-NHB (High-precision, blue LED, auto-tuning amp)
....
NV
E3X-NV21 (Water-resistant, red light source amplifier)
.....
NVG
E3X-NVG21 (Water-resistant, green light source amp)
....
VG
E3X-VG (Mark sensing amplifier)
.....
Application Features
Appearance
Type
Detection distance
(see note)
Min. detectable
object (gold wire)
Part number
Flexible
Easy to mount sens-
A
7mm
0.03 mm dia.
E32-D21R
Flexible
(resists
breaking)
Easy to mount sens
ing head with high
flexibility cable; 1
M3 screw x 11 mm
(0 43 in) L
DAN-HS
10 mm
----------------------------
E32-D21R
breaking)
flexibilitycable; 1
mm bending radius
(0.43 in) L
2 m (6 56 ft) length
DAN-LD
40 mm
----------------------------
g
2 m (6.56 ft) length
DAN-SM
30 mm
0.01 mm dia.
F
Contact Omron
Contact Omron
H
Contact Omron
Contact Omron
NH
14 mm
0.02 mm dia.
NHB
NA
NA
NM
8mm
0.02 mm dia.
NT
9mm
0.02 mm dia.
NV
9mm
0.02 mm dia.
NVG
NA
NA
VG
NA
NA
Long
di t
Small diameter head
fit
fi d
A
25 mm
0.03 mm dia.
E32-D22L
g
distance
fits space-confined
installations; 25 mm
3 mm (0 12 in) dia x
DAN-HS
45 mm
--------------------------
E32-D22L
installations; 25 mm
bending radius;
0 5
ID fib
3 mm (0.12 in) dia. x
15 mm (0.59 in) L
DAN-LD
160 mm
--------------------------
g
0.5 mm ID fiber
(
)
2 m (6.56 ft) length
DAN-SM
130 mm
0.01 mm dia.
(
)
g
F
11 mm
0.26 mm dia.
H
50 mm
0.015 mm dia.
NH
50 mm
0.012 mm dia.
NHB
Contact Omron
Contact Omron
NM
35 mm
0.015 mm dia.
NT
38 mm
0.012 mm dia.
NV
38 mm
0.012 mm dia.
NVG
1mm
1.0 mm dia.
VG
1mm
1.0 mm dia.
Note: Sensing distance is based on sensing a white paper that has 90% reflectivity.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn