Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D33 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part No. E32-D33
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D33 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button E32-D33 Datasheet HTML 6Page - Omron Electronics LLC E32-D33 Datasheet HTML 7Page - Omron Electronics LLC E32-D33 Datasheet HTML 8Page - Omron Electronics LLC E32-D33 Datasheet HTML 9Page - Omron Electronics LLC E32-D33 Datasheet HTML 10Page - Omron Electronics LLC E32-D33 Datasheet HTML 11Page - Omron Electronics LLC E32-D33 Datasheet HTML 12Page - Omron Electronics LLC E32-D33 Datasheet HTML 13Page - Omron Electronics LLC E32-D33 Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 108 page
background image
E32
E32
11
J
THROUGH-BEAM, GENERAL PURPOSE TYPE
The table specifies the sensing characteristics of each fiber when used with the following amplifiers:
Legend:
A
E3X-A (General purpose amplifier)
.......
DAN-HS E3X-DAN (Digital amplifier-- high speed mode)
DAN-LD E3X-DAN (Digital amplifier-- long distance mode)
DAN-SM E3X-DAN (Digital amplifier-- standard distance mode)
F
E3X-F (High performance amplifier-- high speed)
.......
H
E3X-H11 (High gain amplifier)
.......
NM
E3X-NM (4 channel auto-tuning amplifier)
.....
NT
E3X-NT (Auto-tuning amplifier: general purpose)
.....
NH
E3X-NH (High-precision, auto-tuning amplifier)
.....
NHB
E3X-NHB (High-precision, blue LED, auto-tuning amp)
....
NV
E3X-NV21 (Water-resistant, red light source amplifier)
.....
NVG
E3X-NVG21 (Water-resistant, green light source amp)
....
VG
E3X-VG (Mark sensing amplifier)
.....
Application Features
Appearance
Type
Detection distance
Min. detectable
object (opaque)
Part number
General
M3; possible to
A
180 mm
0.2 mm dia.
E32-TC200A
General
purpose
M3; possible to
mount the reflective
side-view conversion M3 threaded head x
(
i ) L
DAN-HS
250 mm
--------------------------
E32-TC200A
side-view conversion
attachment
(E39 F ) 2
M3 threaded head x
7 mm (0.28 in) L
DAN-LD
850 mm
--------------------------
(E39-F5); 25 mm
bending radius;
2 m (6.56 ft) length
DAN-SM
680 mm
0.01 mm dia.
bending radius;
1 mm ID fiber
F
80 mm
0.2 mm dia.
H
360 mm
0.3 mm dia.
NH
360 mm
0.04 mm dia.
NHB
55 mm
0.04 mm dia.
NM
250 mm
0.2 mm dia.
NT
270 mm
0.1 mm dia.
NV
270 mm
0.1 mm dia.
NVG
28 mm
0.2 mm dia.
VG
28 mm
0.2 mm dia.
General
Spiral coiled cable
ith t d
t d
A
150 (800*) mm
0.2 mm dia.
E32-TC200C
purpose
p
withstands repeated
stretching from
M h
d d h d
DAN-HS
Contact Omron
Contact Omron
E32 TC200C
stretching from
reciprocating
hi
t
M4 threaded head x
11 mm (0.43 in) L
DAN-LD
Contact Omron
Contact Omron
p
g
machine parts;
25 mm bending
11 mm (0.43 in) L
Coiled 56.5 cm (1.8
DAN-SM
Contact Omron
Contact Omron
25 mm bending
radius; 1 mm ID fiber
Coiled 56.5 cm (1.8
ft) L; 2 m (6.56 ft) ex-
tended
F
60 (350*) mm
0.2 mm dia.
tended
H
300 (1,600*) mm
0.2 mm dia.
NH
300 (3,600*) mm
0.04 mm dia.
NHB
Contact Omron
Contact Omron
NM
200 (800*) mm
0.2 mm dia
NT
210 (850*) mm
0.1 mm dia
NV
210 (850*) mm
0.1 mm dia
NVG
18 (100*) mm
0.2 mm dia
VG
18 (100*) mm
0.2 mm dia
Note: *Value in parentheses represents the sensing distance of the fiber when the E39-F1 lens is attached to its tip.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn