Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D33 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part No. E32-D33
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D33 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E32-D33 Datasheet HTML 2Page - Omron Electronics LLC E32-D33 Datasheet HTML 3Page - Omron Electronics LLC E32-D33 Datasheet HTML 4Page - Omron Electronics LLC E32-D33 Datasheet HTML 5Page - Omron Electronics LLC E32-D33 Datasheet HTML 6Page - Omron Electronics LLC E32-D33 Datasheet HTML 7Page - Omron Electronics LLC E32-D33 Datasheet HTML 8Page - Omron Electronics LLC E32-D33 Datasheet HTML 9Page - Omron Electronics LLC E32-D33 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 108 page
background image
E32
E32
7
J
THROUGH-BEAM, GENERAL PURPOSE TYPE
The table specifies the sensing characteristics of each fiber when used with the following amplifiers:
Legend:
A
E3X-A (General purpose amplifier)
.......
DAN-HS E3X-DAN (Digital amplifier-- high speed mode)
DAN-LD E3X-DAN (Digital amplifier-- long distance mode)
DAN-SM E3X-DAN (Digital amplifier-- standard distance mode)
F
E3X-F (High performance amplifier-- high speed)
.......
H
E3X-H11 (High gain amplifier)
.......
NM
E3X-NM (4 channel auto-tuning amplifier)
.....
NT
E3X-NT (Auto-tuning amplifier: general purpose)
.....
NH
E3X-NH (High-precision, auto-tuning amplifier)
.....
NHB
E3X-NHB (High-precision, blue LED, auto-tuning amp)
....
NV
E3X-NV21 (Water-resistant, red light source amplifier)
.....
NVG
E3X-NVG21 (Water-resistant, green light source amp)
....
VG
E3X-VG (Mark sensing amplifier)
.....
Application Features
Appearance
Type
Detection distance
Min. detectable ob-
ject (opaque)
Part number
Long
Magnifying lens
A
7,000 mm
0.8 mm dia.
E32-T17L
Long
distance
Magnifying lens
extends sensing
distance; ideal for
M14 threaded head
23
(0 91 i ) L
DAN-HS
9,800 mm
----------------------------
E32-T17L
distance; ideal for
explosion-proof
li
i
2
M14 threaded head
x 23 mm (0.91 in) L
(
f ) l
h
DAN-LD
20,000 mm *
--------------------------
p
p
applications; 25 mm
bending radius; M14
10 m (32.8 ft) length
DAN-SM
20,000 mm *
0.01 mm dia.
bending radius; M14
head, 1 mm ID fiber
F
3,000 mm
1.5 mm dia.
,
H
14,000 mm
2.1 mm dia.
NH
14,000 mm
0.2 mm dia.
NHB
2,000 mm
0.2 mm dia.
NM
7,000 mm
0.7 mm dia.
NT
7,500 mm
0.5 mm dia.
NV
7,500 mm
0.5 mm dia.
NVG
800 mm
2.1 mm dia.
VG
800 mm
2.1 mm dia.
Flexible
(
i t
Ideal for mounting
i
ti
A
50 mm
0.2 mm dia.
E32-T21
(resists
breaking)
g
on moving sections;
4mm bending
M3 threaded head x
11 mm (0.43 in) L
DAN-HS
80 mm
--------------------------
E32 T21
breaking)
4 mm bending
radius; 0.5 mm ID
fib
11 mm (0.43 in) L
2 m (6.56 ft) length
DAN-LD
220 mm
--------------------------
fiber
2 m (6.56 ft) length
DAN-SM
200 mm
0.01 mm dia.
F
26 mm
0.2 mm dia.
H
100 mm
0.2 mm dia.
NH
100 mm
0.04 mm dia.
NHB
Contact Omron
Contact Omron
NM
65 mm
0.2 mm dia.
NT
70 mm
0.1 mm dia.
NV
70 mm
0.1 mm dia.
NVG
6mm
0.1 mm dia.
VG
6mm
0.2 mm dia.
Note: * Value is based on each fiber having a cable length of 10 m.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn