Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E32-UDBT13F Datasheet(PDF) 25 Page - Omron Electronics LLC

Part # E32-UDBT13F
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-UDBT13F Datasheet(HTML) 25 Page - Omron Electronics LLC

Back Button E32-UDBT13F Datasheet HTML 21Page - Omron Electronics LLC E32-UDBT13F Datasheet HTML 22Page - Omron Electronics LLC E32-UDBT13F Datasheet HTML 23Page - Omron Electronics LLC E32-UDBT13F Datasheet HTML 24Page - Omron Electronics LLC E32-UDBT13F Datasheet HTML 25Page - Omron Electronics LLC E32-UDBT13F Datasheet HTML 26Page - Omron Electronics LLC E32-UDBT13F Datasheet HTML 27Page - Omron Electronics LLC E32-UDBT13F Datasheet HTML 28Page - Omron Electronics LLC E32-UDBT13F Datasheet HTML 29Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 108 page
background image
E32
E32
26
J
DIFFUSE, GENERAL PURPOSE TYPE (CONT.)
The table specifies the sensing characteristics of each fiber when used with the following amplifiers:
Legend:
A
E3X-A (General purpose amplifier)
.......
DAN-HS E3X-DAN (Digital amplifier-- high speed mode)
DAN-LD E3X-DAN (Digital amplifier-- long distance mode)
DAN-SM E3X-DAN (Digital amplifier-- standard distance mode)
F
E3X-F (High performance amplifier-- high speed)
.......
H
E3X-H11 (High gain amplifier)
.......
NM
E3X-NM (4 channel auto-tuning amplifier)
.....
NT
E3X-NT (Auto-tuning amplifier: general purpose)
.....
NH
E3X-NH (High-precision, auto-tuning amplifier)
.....
NHB
E3X-NHB (High-precision, blue LED, auto-tuning amp)
....
NV
E3X-NV21 (Water-resistant, red light source amplifier)
.....
NVG
E3X-NVG21 (Water-resistant, green light source amp)
....
VG
E3X-VG (Mark sensing amplifier)
.....
Application Features
Appearance
Type
Detection distance
(see note)
Min. detectable
object (gold wire)
Part number
Flexible
Flexible thin fiber
A
7mm
0.03 mm dia.
E32-D21
Flexible
(resists
breaking)
Flexible thin fiber
requires just 4 mm
bending radius;
M3 threaded head x
11 mm (0 43 in) L
DAN-HS
10 mm
--------------------------------
E32-D21
breaking)
bending radius;
mount on moving
hi
i
11 mm (0.43 in) L
2 m (6 56 ft) length
DAN-LD
40 mm
--------------------------------
g
machinery sections;
0.25 mm ID fiber
2m (6.56 ft) length
DAN-SM
30 mm
0.01 mm dia.
0.25 mm ID fiber
F
3mm
0.03 mm dia.
H
14 mm
0.015 mm dia.
NH
14 mm
0.012 mm dia.
NHB
Contact Omron
Contact Omron
NM
8mm
0.015 mm dia.
NT
9mm
0.012 mm dia.
NV
9mm
0.012 mm dia.
NVG
1mm
1.0 mm dia.
VG
1mm
1.0 mm dia.
Long
di t
Small sensing head
i
t
t
A
25 mm
0.03 mm dia.
E32-D21L
g
distance
g
is easy to mount;
25 mm bending
M4 threaded head x
12 mm (0 47 in) L
DAN-HS
45 mm
------------------------
E32-D21L
25 mm bending
radius
12 mm (0.47 in) L
2 m (6 56 ft) length
DAN-LD
160 mm
------------------------
2 m (6.56 ft) length
DAN-SM
130 mm
0.01 mm dia.
F
11 mm
0.26 mm dia.
H
50 mm
0.015 mm dia.
NH
50 mm
0.012 mm dia.
NHB
Contact Omron
Contact Omron
NM
35 mm
0.015 mm dia.
NT
38 mm
0.012 mm dia.
NV
38 mm
0.012 mm dia.
NVG
1mm
1.0 mm dia.
VG
1mm
1.0 mm dia.
Note: Sensing distance is based on sensing a white paper that has 90% reflectivity.


Similar Part No. - E32-UDBT13F

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
E32-3C90 FERROXCUBE-E32-3C90 Datasheet
52Kb / 5P
   Planar E cores and accessories
E32-3C90 FERROXCUBE-E32-3C90 Datasheet
59Kb / 5P
   E cores and accessories
E32-3C90 FERROXCUBE-E32-3C90 Datasheet
57Kb / 6P
   Planar E cores and accessories
E32-3C90-A160-P FERROXCUBE-E32-3C90-A160-P Datasheet
52Kb / 5P
   Planar E cores and accessories
E32-3C90-A160-P FERROXCUBE-E32-3C90-A160-P Datasheet
52Kb / 5P
   Planar E cores and accessories
2008 Sep 01
More results

Similar Description - E32-UDBT13F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP000091120 INFINEON-SP000091120 Datasheet
201Kb / 2P
   Lichtwellenleiter LTT 76mm Fiber-optic cables LTT 76mm
2016-07-07 Revision: 3.1
logo
Sangdest Microelectroni...
245NQ400-1 SMC-245NQ400-1 Datasheet
165Kb / 3P
   Extensive Characterization of Recovery Parameters
logo
Infineon Technologies A...
SP000091117 INFINEON-SP000091117 Datasheet
202Kb / 2P
   Lichtwellenleiter LTT 150mm,172mm Fiber-optic cables LTT 150mm,172mm
2012-05-03 Revision: 2.0
logo
Omron Electronics LLC
E32-M21 OMRON-E32-M21 Datasheet
17Mb / 67P
   Fiber Sensors Best Selection Catalog
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Omron Electronics LLC
E32-D24 OMRON-E32-D24 Datasheet
17Mb / 68P
   Fiber Sensors Best Selection Catalog
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com