Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D21 Datasheet(PDF) 49 Page - Omron Electronics LLC

Part No. E32-D21
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D21 Datasheet(HTML) 49 Page - Omron Electronics LLC

Back Button E32-D21 Datasheet HTML 45Page - Omron Electronics LLC E32-D21 Datasheet HTML 46Page - Omron Electronics LLC E32-D21 Datasheet HTML 47Page - Omron Electronics LLC E32-D21 Datasheet HTML 48Page - Omron Electronics LLC E32-D21 Datasheet HTML 49Page - Omron Electronics LLC E32-D21 Datasheet HTML 50Page - Omron Electronics LLC E32-D21 Datasheet HTML 51Page - Omron Electronics LLC E32-D21 Datasheet HTML 52Page - Omron Electronics LLC E32-D21 Datasheet HTML 53Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 108 page
background image
E32
E32
50
Specifications
J
THROUGH-BEAM FIBER-OPTIC CABLES
Part number
Operating ambient
temperature
Operating relative
humidity
Permissible bending
radius
Core
material
Sheath material
Enclosure
rating
E32-T11
--40°Cto 70°C(--40°F
t 158°F) ith
i i
35% to 85% with no
d
ti
4mm min.
PMMA
Vinyl chloride
IEC IP67
E32-T11L
to 158°F) withnoicing
condensation
25 mm min.
Black polyethylene
E32-T11R
1mm min.
Copolymer vinyl
chloride
E32-T12L
25 mm min.
Black polyethylene
E32-T17L
25 mm min.
Black polyethylene
E32-T21
4mm min.
Vinyl chloride
E32-T21L
25 mm min.
Black polyethylene
E32-T21R
1mm min.
Copolymer vinyl
chloride
E32-T22
25 mm min.
Black polyethylene
E32-T22L
25 mm min.
Black polyethylene
E32-TC50
E32-TC200
25 mm min.
Black polyethylene
E32-TC200A
25 mm min.
Black polyethylene
E32-TC200C
25 mm min.
Black polyethylene
E32-TC200E
25 mm min.
Black polyethylene
E32-TC500
E32-TC1000
25 mm min.
Black polyethylene
E32-UTAT1-3F
E32-UTAT1-6F
--40°C to 150°C(--40°F
to 302°F) withnoicing
25 mm min.
Glass
SUS 303 head,
SUS 304 sheath
E32-UTBT1-3F
E32-UTBT1-6F
--40°C to 200°C(--40°F
to 392°F) withnoicing
25 mm min.
Glass
SUS 303 head,
SUS 304 sheath
E32-T33-1
--40°Cto 70°C(--40°F
to 158°F) withnoicing
25 mm min.
PMMA
Black polyethylene,
stainless steel head
E32-TC200B
E32-TC200B4
25 mm min.
Black polyethylene
E32-TC200D
E32-TC200D4
25 mm min.
Black polyethylene
E32-TC200F
E32-TC200F4
25 mm min.
Black polyethylene
E32-T14
25 mm min.
Black polyethylene
E32-T14L
25 mm min.
Black polyethylene
E32-T16
25 mm min.
Black polyethylene
E32-T16P
10 mm min.
Vinyl chloride
IEC IP50
E32-T24
25 mm min.
Black polyethylene
IEC IP67
E32-T51*
--40°C to 150°C(--40°F
to 302°F) withnoicing
35 mm min.
PMMA
Fluoride resin
E32-T61
--40°C to 300°C(--40°F
to 572°F) withnoicing
25 mm min.
Glass
304 stainless steel
E32-G14
--40°Cto 70°C(--40°F
t 158°F) ith
i i
25 mm min.
PMMA
Black polyethylene
E32-M21
to 158°F) withnoicing
25 mm min.
Black polyethylene
E32-T12F
--30°Cto 70°C(--22°F
to 158°F) withnoicing
40 mm min.
Teflon-covered
black polyethylene
*When used continuously between --40°C and 130°C(--40°F and 266°F)
Teflon is a registered trademark of the Dupont Company and the Mitsui Dupont Chemical Company for their fluoride resin.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn