Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D21 Datasheet(PDF) 45 Page - Omron Electronics LLC

Part No. E32-D21
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D21 Datasheet(HTML) 45 Page - Omron Electronics LLC

Back Button E32-D21 Datasheet HTML 41Page - Omron Electronics LLC E32-D21 Datasheet HTML 42Page - Omron Electronics LLC E32-D21 Datasheet HTML 43Page - Omron Electronics LLC E32-D21 Datasheet HTML 44Page - Omron Electronics LLC E32-D21 Datasheet HTML 45Page - Omron Electronics LLC E32-D21 Datasheet HTML 46Page - Omron Electronics LLC E32-D21 Datasheet HTML 47Page - Omron Electronics LLC E32-D21 Datasheet HTML 48Page - Omron Electronics LLC E32-D21 Datasheet HTML 49Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 108 page
background image
E32
E32
46
J
E3JU-XR LIMIT SWITCH STYLE (RED LED)
Through-beam Fiber-optic Cables
Application Features
Appearance
Detection distance
Min. detectable object
Part number
General
purpose
Compact threaded head;
25 mm bending radius;
1 mm ID fiber
M4 threaded head x
14 mm (0.55 in) L
2 m (6.56 ft) length
200 mm
0.2 mm dia.
E32-TC200
Flexible,
resists
breaking
Ideal for mounting on moving
section; 4 mm bending radius;
1.5 mm ID fiber
M4 threaded head
x 11.7 mm (0.46 in) L
2 m (6.56 ft) length
135 mm
0.5 mm dia.
E32-T11
Compact M3 head ideal for
mounting on moving sections;
4 mm bending radius; 0.5 mm
ID fiber
M3 threaded head x
11 mm (0.43 in) L
2 m (6.56 ft) length
39 mm
0.2 mm dia.
E32-T21
Minute
objects
2 mm dia. head fits in space-
confined areas; 25 mm
bending radius; 0.5 mm ID
fiber
2 mm dia. (0.8 in) x
22 mm (0.87 in)
2 m (6.56 ft) length
50 mm
0.2 mm dia.
E32-T22
Heat
resistant
Resists 150°C; fiber sheath
material: fluororesin.
Operating ambient
temperature: --40_C to 150_C
(--40_F to 302_F); 35 mm
bending radius; 1.5 mm ID
fiber
M4 threaded head x
17 mm (0.67 in) L
2 m (6.56 ft) length
150 mm
1.0 mm dia.
E32-T51
General
purpose
Armored glass fiber--optic
cable can withstand tempera-
tures to 200_C (392_F)
5/16--24 thread x
38.1 mm (1.5 in) L
0.91 m (3 ft) length
200 mm
0.2 mm dia.
E32-UTAT1-3F
General
purpose
Armored glass fiber--optic
cable can withstand tempera-
tures to 200_C (392_F)
5/16--24 thread x
38.1 mm (1.5 in) L
1.83 m (6 ft) length
170 mm
0.2 mm dia.
E32-UTAT1-6F


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn