Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D21 Datasheet(PDF) 43 Page - Omron Electronics LLC

Part No. E32-D21
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D21 Datasheet(HTML) 43 Page - Omron Electronics LLC

Back Button E32-D21 Datasheet HTML 39Page - Omron Electronics LLC E32-D21 Datasheet HTML 40Page - Omron Electronics LLC E32-D21 Datasheet HTML 41Page - Omron Electronics LLC E32-D21 Datasheet HTML 42Page - Omron Electronics LLC E32-D21 Datasheet HTML 43Page - Omron Electronics LLC E32-D21 Datasheet HTML 44Page - Omron Electronics LLC E32-D21 Datasheet HTML 45Page - Omron Electronics LLC E32-D21 Datasheet HTML 46Page - Omron Electronics LLC E32-D21 Datasheet HTML 47Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 108 page
background image
E32
E32
44
Retroreflective Fiber--optic Cables with E3XA-CC4A Amplifier
Application Features
Appearance
Detection distance
Min. detectable object
Part number
Detect
transpar-
ent and
shiny
objects
Compact threaded sensing
head is easy to install.
M6
threaded
head
Reflector
E39-R3
2 m (6.56 ft) length
30 to 200 mm
0.3 mm dia.
E32-R21 +
E39-R3
Diffuse Fiber-optic Cables with E3XA-CC4A Amplifier
Application Features
Appearance
Detection distance
Min. detectable object
Part number
General
purpose
Compact threaded head;
25 mm bending radius; 1 mm
ID fiber
M6 threaded head x
14 mm (0.55 in) L
2 m (6.56 ft) length
30 mm
0.03 mm dia.
E32-DC200
General
purpose
M3; possible to mount the
reflective side-view
conversion attachment
(E39-F5); 25 mm bending
radius; 1 mm ID fiber
M6 threaded head x
20 mm (0.79 in) L
2 m (6.56 ft) length
30 mm
0.03 mm dia.
E32-CC200
Thin probe Probe for space-confined
sensing areas; 25 mm bend-
ing radius; 1 mm ID fiber
M6 threaded head
90 mm (3.54 in)
probe length
2 m (6.56 ft) length
30 mm
0.03 mm dia.
E32-DC200B
Thin probe Probe for space-confined
sensing areas; 25 mm bend-
ing radius; 1 mm ID fiber
M6 threaded head
40 mm (1.57 in)
probe length
2 m (6.56 ft) length
30 mm
0.03 mm dia.
E32-DC200B4
General
purpose
M3; suitable for
detecting minute objects;
25 mm bending radius;
0.5 mm ID fiber
M3 threaded head x
11 mm (0.43 in) L
2 m (6.56 ft) length
7mm
0.03 mm dia.
E32-DC200E
Thin probe Sensing head with 90 mm
probe; 25 mm bending radius;
0.5 mm ID fiber
M3 threaded head
90 mm (3.54 in)
length probe
2 m (6.56 ft) length
7mm
0.03 mm dia.
E32-DC200F
Thin probe Sensing head with 40 mm
probe; 25 mm bending radius;
0.5 mm ID fiber
M3 threaded head
40 mm (1.57 in)
length probe
2 m (6.56 ft) length
7mm
0.03 mm dia.
E32-DC200F4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn