Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D21 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part No. E32-D21
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D21 Datasheet(HTML) 4 Page - Omron Electronics LLC

  E32-D21 Datasheet HTML 1Page - Omron Electronics LLC E32-D21 Datasheet HTML 2Page - Omron Electronics LLC E32-D21 Datasheet HTML 3Page - Omron Electronics LLC E32-D21 Datasheet HTML 4Page - Omron Electronics LLC E32-D21 Datasheet HTML 5Page - Omron Electronics LLC E32-D21 Datasheet HTML 6Page - Omron Electronics LLC E32-D21 Datasheet HTML 7Page - Omron Electronics LLC E32-D21 Datasheet HTML 8Page - Omron Electronics LLC E32-D21 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 108 page
background image
E32
E32
5
Ordering Information
Omron offers fiber-optic cables in through-beam, diffuse and
retroreflective types. Each cable has a different sensing distance
depending on the amplifier selected. The ordering information
provides the sensing distance and compatibility with two general
classes of amplifiers: DIN rail-mounting DC amplifiers and block
style amplifiers with different attributes, such as AC/DC supply
voltage, analog output and color sensing.
indicates models that customers can cut to length for their
application. Models without this mark are pre-cut by the factory to
maintain their respective specifications.
J
E3X-SERIES, DIN RAIL-MOUNTING AMPLIFIERS
The table specifies the sensing characteristics of each fiber when used with the following amplifiers:
Legend:
A
E3X-A (General purpose amplifier)
.......
DAN-HS E3X-DAN (Digital amplifier-- high speed mode)
DAN-LD E3X-DAN (Digital amplifier-- long distance mode)
DAN-SM E3X-DAN (Digital amplifier-- standard distance mode)
F
E3X-F (High performance amplifier-- high speed)
.......
H
E3X-H11 (High gain amplifier)
.......
NM
E3X-NM (4 channel auto-tuning amplifier)
.....
NT
E3X-NT (Auto-tuning amplifier: general purpose)
.....
NH
E3X-NH (High-precision, auto-tuning amplifier)
.....
NHB
E3X-NHB (High-precision, blue LED, auto-tuning amp)
....
NV
E3X-NV21 (Water-resistant, red light source amplifier)
.....
NVG
E3X-NVG21 (Water-resistant, green light source amp)
....
VG
E3X-VG (Mark sensing amplifier)
.....
J
THROUGH-BEAM, GENERAL PURPOSE TYPE
Application Features
Appearance
Type
Detection distance
Min. detectable
object (opaque)
Part number
Flexible,
Ideal for mounting
A
180 (1,000*) mm
0.2 mm dia.
E32-T11
Flexible,
resists
breaking
Ideal for mounting
on moving sections
4 mm bending radius
M4 threaded head
x 11 7 mm (0 46 in) L
DAN-HS
250 (1,300*) mm
--------------------------
E32-T11
breaking
4 mm bending radius x11.7 mm (0.46 in) L
2 m (6 56 ft) length
DAN-LD
850 (4,000**) mm
--------------------------
2 m (6.56 ft) length
DAN-SM
680 (3,600*) mm
0.01 mm dia.
F
80 (400*) mm
0.2 mm dia.
H
360 (2,000*) mm
0.3 mm dia.
NH
360 (2,000*) mm
0.04 mm dia.
NHB
50 mm
0.04 mm dia.
NM
240 (1,300*) mm
0.2 mm dia.
NT
260 (1,400*) mm
0.1 mm dia.
NV
260 (1,400*) mm
0.1 mm dia.
NVG
10 (120*) mm
0.2 mm dia.
VG
10 (120*) mm
0.2 mm dia.
Long
di t
Compact M4, head,
1 4
ID fib
A
350 (1,000*) mm
0.5 mm dia.
E32-T11L
g
distance
p
,
,
1.4 mm ID fiber;
25 mm bending
M4 threaded head x DAN-HS
490 (1,200*) mm
----------------------------
E32 T11L
25 mm bending
radius
M4 threaded head x
11 mm (0.43 in) L
DAN-LD
1,660 (4,000**) mm
----------------------------
2 m (6.56 ft) length
DAN-SM
1,330 (3,200*) mm
0.02 mm dia.
F
150 (550*) mm
0.5 mm dia.
H
700 (2,000*) mm
0.5 mm dia.
NH
700 (2,000*) mm
0.06 mm dia.
NHB
90 (250*) mm
0.06 mm dia.
NM
500 (1,200 *) mm
0.2 mm dia.
NT
540 (1,280*) mm
0.15 mm dia.
NV
540 (1,280*) mm
0.15 mm dia.
NVG
40 (120*) mm
0.5 mm dia.
VG
40 (120*) mm
0.5 mm dia.
Note: * Value in parentheses represents the sensing distance of the fiber when the E39-F1 lens is attached to its tip.
** Value in parentheses is based on each fiber having a cable length of 2 m.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn