Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D21 Datasheet(PDF) 37 Page - Omron Electronics LLC

Part No. E32-D21
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D21 Datasheet(HTML) 37 Page - Omron Electronics LLC

Back Button E32-D21 Datasheet HTML 33Page - Omron Electronics LLC E32-D21 Datasheet HTML 34Page - Omron Electronics LLC E32-D21 Datasheet HTML 35Page - Omron Electronics LLC E32-D21 Datasheet HTML 36Page - Omron Electronics LLC E32-D21 Datasheet HTML 37Page - Omron Electronics LLC E32-D21 Datasheet HTML 38Page - Omron Electronics LLC E32-D21 Datasheet HTML 39Page - Omron Electronics LLC E32-D21 Datasheet HTML 40Page - Omron Electronics LLC E32-D21 Datasheet HTML 41Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 108 page
background image
E32
E32
38
J
DIFFUSE, HIGH TEMPERATURE TYPE
Legend:
A
E3X-A (General purpose amplifier)
.......
DAN-HS E3X-DAN (Digital amplifier-- high speed mode)
DAN-LD E3X-DAN (Digital amplifier-- long distance mode)
DAN-SM E3X-DAN (Digital amplifier-- standard distance mode)
F
E3X-F (High performance amplifier-- high speed)
.......
H
E3X-H11 (High gain amplifier)
.......
NM
E3X-NM (4 channel auto-tuning amplifier)
.....
NT
E3X-NT (Auto-tuning amplifier: general purpose)
.....
NH
E3X-NH (High-precision, auto-tuning amplifier)
.....
NHB
E3X-NHB (High-precision, blue LED, auto-tuning amp)
....
NV
E3X-NV21 (Water-resistant, red light source amplifier)
.....
NVG
E3X-NVG21 (Water-resistant, green light source amp)
....
VG
E3X-VG (Mark sensing amplifier)
.....
Application Features
Appearance
Type
Detection distance
(see note)
Min. detectable
object (gold wire)
Part number
Heat
Resists 150°C; fiber
A
60 mm
0.03 mm dia.
E32-D51
Heat
resistant
Resists 150 C; fiber
sheath material: fluo-
roresin
M6 threaded head
DAN-HS
100 mm
------------------------
E32-D51
roresin.
Operating ambient
t
t
40_C
M6 threaded head
2 m (6.56 ft) length
DAN-LD
300 mm
------------------------
p
g
temperature: --40_C
to 150_C (--40_F to
2 m (6.56 ft) length
DAN-SM
230 mm
0.01 mm dia.
to 150_C (--40_F to
302_F); 1.5 mm ID
fib
3
b di
F
26 mm
0.03 mm dia.
);
fiber; 35 mm bending
radius
H
120 mm
0.03 mm dia.
radius
NH
120 mm
0.012 mm dia.
NHB
12 mm
0.012 mm dia.
NM
60 mm
0.03 mm dia.
NT
65 mm
0.012 mm dia.
NV
65 mm
0.012 mm dia.
NVG
5mm
1.0 mm dia.
VG
5mm
1.0 mm dia.
Heat
Resists 300°C, with
A
45 mm
0.03 mm dia.
E32-D61
Heat
resistant
Resists 300 C, with
spiral tube; high
mechanical strength;
M6 threaded head
DAN-HS
30 mm
----------------------------
E32 D61
mechanical strength;
fiber sheath material:
i l
l
M6 threaded head
2m (6.56 ft) length DAN-LD
120 mm
----------------------------
stainless steel.
Operating ambient
2 m (6.56 ft) length
DAN-SM
90 mm
0.01 mm dia.
Operating ambient
temperature:
0 C
300 C
F
20 mm
0.03 mm dia.
p
--40_C to 300_C
(--40_F to 572_F);
H
45 mm
0.03 mm dia.
(--40_F to 572_F);
1.4 mm ID fiber; 25
b di
di
NH
45 mm
0.012 mm dia.
;
mm bending radius
NHB
Contact Omron
Contact Omron
NM
45 mm
0.03 mm dia.
NT
50 mm
0.012 mm dia.
NV
50 mm
0.012 mm dia.
NVG
5mm
1.0 mm dia.
VG
5mm
1.0 mm dia.
Heat
High temperature
A
30 mm
0.03 mm dia.
E32-D73
Heat
resistant
High temperature
glass core fiber with
probe Resists
1.25 mm dia DAN-HS
20 mm
----------------------------
E32 D73
probe. Resists
400°C, with spiral
b hi h
h i
M4 threaded head DAN-LD
80 mm
----------------------------
,
p
tube; high mechani-
cal strength; fiber
2 m (6.56 ft) length DAN-SM
60 mm
0.01 mm dia.
cal strength; fiber
sheath material:
t i l
t l
F
17 mm
0.2 mm dia.
stainless steel.
Operating ambient
H
30 mm
0.03 mm dia.
Operating ambient
temperature:
40_C t 400_C
NH
30 mm
0.012 mm dia.
p
--40_C to 400_C
(--40_F to 752_F);
NHB
Contact Omron
Contact Omron
(--40_F to 752_F);
1 mm ID fiber;
25
b di
NM
30 mm
0.03 mm dia.
;
25 mm bending
radius
NT
33 mm
0.012 mm dia.
radius
NV
33 mm
0.012 mm dia.
NVG
3mm
1.0 mm dia.
VG
3mm
1.0 mm dia.
Note: Sensing distance is based on sensing a white paper that has 90% reflectivity.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn