Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D21 Datasheet(PDF) 34 Page - Omron Electronics LLC

Part No. E32-D21
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D21 Datasheet(HTML) 34 Page - Omron Electronics LLC

Back Button E32-D21 Datasheet HTML 30Page - Omron Electronics LLC E32-D21 Datasheet HTML 31Page - Omron Electronics LLC E32-D21 Datasheet HTML 32Page - Omron Electronics LLC E32-D21 Datasheet HTML 33Page - Omron Electronics LLC E32-D21 Datasheet HTML 34Page - Omron Electronics LLC E32-D21 Datasheet HTML 35Page - Omron Electronics LLC E32-D21 Datasheet HTML 36Page - Omron Electronics LLC E32-D21 Datasheet HTML 37Page - Omron Electronics LLC E32-D21 Datasheet HTML 38Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 108 page
background image
E32
E32
35
J
DIFFUSE, PROBE TYPE (CONT.)
The table specifies the sensing characteristics of each fiber when used with the following amplifiers:
Legend:
A
E3X-A (General purpose amplifier)
.......
DAN-HS E3X-DAN (Digital amplifier-- high speed mode)
DAN-LD E3X-DAN (Digital amplifier-- long distance mode)
DAN-SM E3X-DAN (Digital amplifier-- standard distance mode)
F
E3X-F (High performance amplifier-- high speed)
.......
H
E3X-H11 (High gain amplifier)
.......
NM
E3X-NM (4 channel auto-tuning amplifier)
.....
NT
E3X-NT (Auto-tuning amplifier: general purpose)
.....
NH
E3X-NH (High-precision, auto-tuning amplifier)
.....
NHB
E3X-NHB (High-precision, blue LED, auto-tuning amp)
....
NV
E3X-NV21 (Water-resistant, red light source amplifier)
.....
NVG
E3X-NVG21 (Water-resistant, green light source amp)
....
VG
E3X-VG (Mark sensing amplifier)
.....
Application Features
Appearance
Type
Detection distance
(see note)
Min. detectable
object (gold wire)
Part number
Thin probe Sensing head with
A
22 mm
0.03 mm dia.
E32-DC200D4
Thin probe Sensing head with
40 mm probe; spiral
coiled cable with
M6 th
d d h d
DAN-HS
Contact Omron
Contact Omron
E32-DC200D4
coiled cablewith-
stands repeated
M6 threaded head
40 mm (1.57 in)
b l
th
DAN-LD
Contact Omron
Contact Omron
stands repeated
stretching from
reciprocating
40 mm (1.57 in)
probe length
C il d
DAN-SM
Contact Omron
Contact Omron
reciprocating
machine parts;
Coiled 64 cm
(2.1 ft) L;
F
10 mm
0.03 mm dia.
machine parts;
25 mm bending
radius; 1 mm ID fiber
(2.1 ft) L;
2 m (6.56 ft)
extended
H
44 mm
0.015 mm dia.
radius; 1 mm ID fiber
extended
NH
44 mm
0.012 mm dia.
NHB
Contact Omron
Contact Omron
NM
Contact Omron
Contact Omron
NT
Contact Omron
Contact Omron
NV
Contact Omron
Contact Omron
NVG
Contact Omron
Contact Omron
VG
2.5 mm
1.0 mm dia.
Thin probe Sensing head with
A
18 mm
0.03 mm dia.
E32-DC200F
Thin probe Sensing head with
90 mm probe; 25
mm bending radius;
M3 threaded head
90 mm (3 54 in)
DAN-HS
30 mm
--------------------------------
E32-DC200F
mm bending radius;
0.5 mm ID fiber
90 mm (3.54 in)
length probe
DAN-LD
100 mm
--------------------------------
g p
2 m (6.56 ft) length
DAN-SM
80 mm
0.01 mm dia.
(
)
g
F
8mm
0.03 mm dia.
H
36 mm
0.015 mm dia.
NH
36 mm
0.012 mm dia.
NHB
Contact Omron
Contact Omron
NM
20 mm
0.015 mm dia.
NT
22 mm
0.012 mm dia.
NV
22 mm
0.012 mm dia.
NVG
2mm
1.0 mm dia.
VG
2mm
1.0 mm dia.
Note: Sensing distance is based on sensing a white paper that has 90% reflectivity.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn