Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D21 Datasheet(PDF) 23 Page - Omron Electronics LLC

Part No. E32-D21
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D21 Datasheet(HTML) 23 Page - Omron Electronics LLC

Back Button E32-D21 Datasheet HTML 19Page - Omron Electronics LLC E32-D21 Datasheet HTML 20Page - Omron Electronics LLC E32-D21 Datasheet HTML 21Page - Omron Electronics LLC E32-D21 Datasheet HTML 22Page - Omron Electronics LLC E32-D21 Datasheet HTML 23Page - Omron Electronics LLC E32-D21 Datasheet HTML 24Page - Omron Electronics LLC E32-D21 Datasheet HTML 25Page - Omron Electronics LLC E32-D21 Datasheet HTML 26Page - Omron Electronics LLC E32-D21 Datasheet HTML 27Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 108 page
background image
E32
E32
24
J
DIFFUSE, GENERAL PURPOSE TYPE
The table specifies the sensing characteristics of each fiber when used with the following amplifiers:
Legend:
A
E3X-A (General purpose amplifier)
.......
DAN-HS E3X-DAN (Digital amplifier-- high speed mode)
DAN-LD E3X-DAN (Digital amplifier-- long distance mode)
DAN-SM E3X-DAN (Digital amplifier-- standard distance mode)
F
E3X-F (High performance amplifier-- high speed)
.......
H
E3X-H11 (High gain amplifier)
.......
NM
E3X-NM (4 channel auto-tuning amplifier)
.....
NT
E3X-NT (Auto-tuning amplifier: general purpose)
.....
NH
E3X-NH (High-precision, auto-tuning amplifier)
.....
NHB
E3X-NHB (High-precision, blue LED, auto-tuning amp)
....
NV
E3X-NV21 (Water-resistant, red light source amplifier)
.....
NVG
E3X-NVG21 (Water-resistant, green light source amp)
....
VG
E3X-VG (Mark sensing amplifier)
.....
Application Features
Appearance
Type
Detection distance
(see note)
Min. detectable
object (gold wire)
Part number
High
Concentric beam:
A
75 mm
0.03 mm dia.
E32-CC200
High
accuracy
positioning
Concentric beam:
emitter in the center
and a ring of 16
M6 threaded head x DAN-HS
100 mm
----------------------------
E32-CC200
positioning and a ring of 16
receivers in the 2.5
di
i 2
M6 threaded head x
20 mm (0.79 in) L
DAN-LD
400 mm
----------------------------
mm dia. tip; 25 mm
bending radius;
2 m (6.56 ft) length
DAN-SM
300 mm
0.01 mm dia.
bending radius;
1 mm ID fiber
F
33 mm
0.03 mm dia.
H
150 mm
0.015 mm dia.
NH
150 mm
0.012 mm dia.
NHB
20 mm
0.012 mm dia.
NM
100 mm
0.015 mm dia.
NT
110 mm
0.012 mm dia.
NV
110 mm
0.012 mm dia.
NVG
10 mm
0.5 mm dia.
VG
10 mm
0.5 mm dia.
Flexible
(
i t
Thin fiber for small
bj t d t ti
A
45 mm
0.03 mm dia.
E32-D11
(resists
breaking)
object detection,
ultra flexible cable;
M6 threaded head x
17
(0 67 i ) L
DAN-HS
80 mm
----------------------------
E32-D11
breaking)
ultra flexible cable;
4 mm bending
di
0 25
ID
M6 threaded head x
17 mm (0.67 in) L
(
f ) l
h
DAN-LD
220 mm
----------------------------
g
radius; 0.25 mm ID
fiber
2 m (6.56 ft) length
DAN-SM
170 mm
0.01 mm dia.
fiber
F
20 mm
0.03 mm dia.
H
90 mm
0.015 mm dia.
NH
90 mm
0.012 mm dia.
NHB
12 mm
0.012 mm dia.
NM
60 mm
0.015 mm dia.
NT
65 mm
0.012 mm dia.
NV
65 mm
0.012 mm dia.
NVG
7mm
0.5 mm dia.
VG
7mm
0.5 mm dia.
Note: Sensing distance is based on sensing a white paper that has 90% reflectivity.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn